Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9864BCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9864BCPZ Datasheet HTML 14Page - Analog Devices AD9864BCPZ Datasheet HTML 15Page - Analog Devices AD9864BCPZ Datasheet HTML 16Page - Analog Devices AD9864BCPZ Datasheet HTML 17Page - Analog Devices AD9864BCPZ Datasheet HTML 18Page - Analog Devices AD9864BCPZ Datasheet HTML 19Page - Analog Devices AD9864BCPZ Datasheet HTML 20Page - Analog Devices AD9864BCPZ Datasheet HTML 21Page - Analog Devices AD9864BCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 17 of 47
THEORY OF OPERATION
INTRODUCTION
The AD9864 is a general-purpose, narrow-band IF subsystem
that digitizes a low level, 10 MHz to 300 MHz IF input with a
signal bandwidth ranging from 6.8 kHz to 270 kHz. The signal
chain of the AD9864 consists of an LNA, a mixer, a band-pass
Σ-∆ ADC, and a decimation filter with programmable
decimation factor.
The input LNA is a fixed gain block with an input impedance of
approximately 370 Ω||1.4 pF. The LNA input is single-ended
and self biasing, allowing the input IF to be ac-coupled. The
LNA can be disabled through the serial interface, providing a
fixed 16 dB attenuation to the input signal.
The LNA drives the input port of a Gilbert-type active mixer.
The mixer LO port is driven by the on-chip LO buffer, which can
be driven externally, single-ended, or differential. The LO buffer
inputs are self biasing and allow the LO input to be ac-coupled.
The open-collector outputs of the mixer drive an external
resonant tank consisting of a differential LC network tuned to
the IF of the band-pass Σ-∆ ADC.
The external differential LC tank forms the resonator for the
first stage of the band-pass Σ-∆ ADC. The tank LC values must
be selected for a center frequency of fCLK/8, where fCLK is the
sample rate of the ADC. The fCLK/8 frequency is the IF digitized
by the band-pass Σ-∆ ADC. On-chip calibration allows
standard tolerance inductor and capacitor values. The
calibration is typically performed once at power-up.
The ADC contains a sixth-order, multibit band-pass Σ-∆
modulator that achieves very high instantaneous dynamic range
over a narrow frequency band centered at fCLK/8. The modulator
output is quadrature mixed to baseband and filtered by three
cascaded linear phase FIR filters to remove out-of-band noise.
The first FIR filter is a fixed, decimate by 12, using a fourth-
order comb filter. The second FIR filter also uses a fourth-order
comb filter with programmable decimation from 1 to 16. The
third FIR stage is programmable for decimation of either 4 or 5.
The cascaded decimation factor is programmable from 48 to 960.
The decimation filter data is output via the synchronous serial
interface (SSI) of the chip.
Additional functionality built into the AD9864 includes LO and
clock synthesizers, programmable AGC, and a flexible synchronous
serial interface for output data.
The LO synthesizer is a programmable phase-locked loop (PLL)
consisting of a low noise phase frequency detector (PFD), a
variable output current charge pump (CP), a 14-bit reference
divider, A and B counters, and a dual modulus prescaler. The
user only needs to add an appropriate loop filter and VCO for
complete operation.
The clock synthesizer is equivalent to the LO synthesizer with
the following differences:
•
It does not include the prescaler or A counter.
•
It includes a negative resistance core used for VCO
generation.
The AD9864 contains both a variable gain amplifier (VGA) and
a digital VGA (DVGA). Both of these can operate manually or
automatically. In manual mode, the gain for each is programmed
through the SPI. In automatic gain control mode, the gains are
adjusted automatically to ensure that the ADC does not clip and
that the rms output level of the ADC is equal to a programmable
reference level.
The VGA has 12 dB of attenuation range and is implemented by
adjusting the ADC full-scale reference level. The DVGA gain is
implemented by scaling the output of the decimation filter. The
DVGA is most useful in extending the dynamic range in narrow-
band applications requiring 16-bit I and Q data format.
The SSI provides a programmable frame structure, allowing 24-bit
or 16-bit I and Q data and flexibility by including attenuation and
RSSI data if required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com