Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9864BCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9864BCPZ Datasheet HTML 25Page - Analog Devices AD9864BCPZ Datasheet HTML 26Page - Analog Devices AD9864BCPZ Datasheet HTML 27Page - Analog Devices AD9864BCPZ Datasheet HTML 28Page - Analog Devices AD9864BCPZ Datasheet HTML 29Page - Analog Devices AD9864BCPZ Datasheet HTML 30Page - Analog Devices AD9864BCPZ Datasheet HTML 31Page - Analog Devices AD9864BCPZ Datasheet HTML 32Page - Analog Devices AD9864BCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 28 of 47
IF LNA/MIXER
The AD9864 contains a single-ended LNA followed by a Gilbert
type active mixer, shown in Figure 44 with the required external
components. The LNA uses negative shunt feedback to set its
input impedance at the IFIN pin, thus making it dependent on
the input frequency. It can be modeled as approximately
370 Ω||1.4 pF (±20%) below 100 MHz. Figure 45 and Figure 46
show the equivalent input impedance vs. frequency characteristics
of the AD9864. The increase in shunt resistance vs. frequency
can be attributed to the reduction in bandwidth, thus the amount
of negative feedback of the LNA. Note that the input signal into
IFIN must be ac-coupled via a 10 nF capacitor because the LNA
input is self biasing.
IFIN
RBIAS
VDDI
MXOP
LO INPUT =
0.3V p-p TO
1.0V p-p
DC SERVO
LOOP
MULTI-TANH
V–I STAGE
CXIF
MXON
CXVM
C
L
L
CXVL
2.7V TO 3.6V
RGAIN
RF
50Ω
Figure 44. Simplified Schematic of AD9864 LNA/Mixer
FREQUENCY (MHz)
500
100
400
600
200
0
550
450
150
50
350
300
350
300
250
Figure 45. Shunt Input Resistance vs. Frequency of AD9864 IF1 Input
FREQUENCY (MHz)
1.5
100
0.5
2.5
200
0
2.0
1.0
150
50
0
350
300
250
Figure 46. Shunt Capacitance vs. Frequency of AD9864 IF1 Input
The differential LO port of the mixer is driven by the LO buffer
stage shown in Figure 44, which can be driven single-ended or
differential. Because it is self biasing, the LO signal level can be
ac-coupled and range from 0.3 V p-p to 1.0 V p-p with negligible
effect on performance. The open-collector outputs of the mixer,
MXOP and MXON, drive an external resonant tank consisting of
a differential LC network tuned to the IF of the band-pass Σ-∆
ADC, that is, fIF2_ADC = fCLK/8. The two inductors provide a dc
bias path for the mixer core via a series resistor of 50 Ω, which
is included to dampen the common-mode response. The output
of the mixer must be ac-coupled to the input of the band-pass
Σ-∆ ADC, IF2P, and IF2N via two 100 pF capacitors to ensure
proper tuning of the LC center frequency.
The external differential LC tank forms the resonant element for
the first resonator of the band-pass Σ-∆ modulator, and so must
be tuned to the fCLK/8center frequency of the modulator. The
inductors must be chosen such that their impedance at fCLK/8is
approximately 140, that is, L = 180/fCLK. An accuracy of 20% is
considered to be adequate. For example, at fCLK = 18 MHz, L =
10 µH is a good choice. Once the inductors have been selected,
the required tank capacitance may be calculated using the
relation
]
)
2
(
2
/[
1
8
/
C
L
fCLK
×
×
π
×
=
For example, at fCLK = 18 MHz and L = 10 µH, a capacitance of
250 pF is needed. However, to accommodate an inductor tolerance
of ±10%, the tank capacitance must be adjustable from 227 pF
to 278 pF. Selecting an external capacitor of 180 pF ensures that
even with a 10% tolerance and stray capacitances as high as 30 pF,
the total capacitance is less than the minimum value needed by
the tank. Extra capacitance is supplied by the AD9864 on-chip
programmable capacitor array. Because the programming range
of the capacitor array is at least 160 pF, the AD9864 has plenty of
range to make up for the tolerances of low cost external
components. Note that if fCLK is increased by a factor of 1.44 MHz
to 26 MHz so that fCLK/8becomes 3.25 MHz, reducing L and C
by approximately the same factor (L = 6.9 µH and C = 120 pF)
satisfies the requirements stated previously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com