Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9869BCPZ
Description  Broadband Modem Mixed-Signal Front End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9869BCPZ Datasheet HTML 1Page - Analog Devices AD9869BCPZ Datasheet HTML 2Page - Analog Devices AD9869BCPZ Datasheet HTML 3Page - Analog Devices AD9869BCPZ Datasheet HTML 4Page - Analog Devices AD9869BCPZ Datasheet HTML 5Page - Analog Devices AD9869BCPZ Datasheet HTML 6Page - Analog Devices AD9869BCPZ Datasheet HTML 7Page - Analog Devices AD9869BCPZ Datasheet HTML 8Page - Analog Devices AD9869BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AD9869
Rev. A | Page 4 of 36
Parameter
Temp
Test Level1
Min
Typ
Max
Unit
PLL CLK MULTIPLIER
OSCIN Frequency Range
PLL M Factor Set to 2
Full
IV
40
80
MHz
PLL M Factor Set to 4
Full
IV
20
50
MHz
PLL M Factor Set to 8
Full
IV
10
25
MHz
Internal VCO Frequency Range
Full
IV
80
200
MHz
Duty Cycle
Full
II
40
60
%
OSCIN Impedance
25°C
V
10||03
ΜΩ||pF
CLKOUT1 Jitter6
25°C
III
12
ps rms
CLKOUT2 Jitter7
25°C
III
6
ps rms
CLKOUT1 and CLKOUT2 Duty Cycle8
Full
III
45
55
%
1 See the Explanation of Test Levels section.
2 Gain error and gain temperature coefficients are based on the ADC only (with a fixed 1.23 V external reference and a 1 V p-p differential analog input).
3 TxDAC IOUTP_FS = 20 mA, differential output with 1:1 transformer with source and load termination of 50 Ω, fOUT = 5 MHz, 4x interpolation.
4 IOUTN full-scale current = 80 mA, fOSCIN = 80 MHz, fDAC =160 MHz, 2x interpolation.
5 Use external amplifier to drive additional load.
6 Internal VCO operates at 200 MHz; set to divide-by
-1.
7 Because CLKOUT2 is a divided-down version of OSCIN, its jitter is typically equal to OSCIN.
8 CLKOUT2 is an inverted replica of OSCIN, if set to divide-by-1.
Rx PATH SPECIFICATIONS
AVDD = 3.3 V ± 5%, DVDD = CLKVDD = DRVDD = 3.3 V ± 10%, half- or full-duplex operation with CONFIG = 0 default power bias settings,
unless otherwise noted.
Table 2.
Parameter
Temp
Test Level1
Min
Typ
Max
Unit
Rx INPUT CHARACTERISTICS
Input Voltage Span
RxPGA Gain = −10 dB
Full
III
6.33
V p-p
RxPGA Gain = +48 dB
Full
III
8
mV p-p
Input Common-Mode Voltage
25°C
III
1.3
V
Differential Input Impedance
25°C
III
400||4.0
Ω||pF
Input Bandwidth with RxLPF Disabled, RxPGA = 0 dB
25°C
III
53
MHz
Input Voltage Noise Density
RxPGA Gain = 36 dB, f−3 dBF = 26 MHz
25°C
III
2.7
nV/√Hz
RxPGA Gain = 48 dB, f−3 dBF = 26 MHz
25°C
III
2.4
nV/√Hz
RxPGA CHARACTERISTICS
Minimum Gain
25°C
III
−12
dB
Maximum Gain
25°C
III
48
dB
Gain Step Size
25°C
III
1
dB
Gain Step Accuracy
25°C
III
Monotonic
dB
Gain Range Error
25°C
III
0.5
dB
RxLPF CHARACTERISTICS
Cutoff Frequency (f−3 dBF ) Range
Full
III
15
35
MHz
Attenuation at 55.2 MHz with f−3 dBF = 21 MHz
25°C
III
20
dB
Pass-Band Ripple
25°C
III
±1
dB
Settling Time
5 dB RxPGA Gain Step @ fADC = 50 MSPS
25°C
III
20
ns
60 dB RxPGA Gain Step @ fADC = 50 MSPS
25°C
III
100
ns
ADC DC CHARACTERISTICS
Resolution
N/A
N/A
12
Bits
Conversion Rate
Full
II
20
80
MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com