Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869BCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9869BCPZ
Description  Broadband Modem Mixed-Signal Front End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869BCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9869BCPZ Datasheet HTML 14Page - Analog Devices AD9869BCPZ Datasheet HTML 15Page - Analog Devices AD9869BCPZ Datasheet HTML 16Page - Analog Devices AD9869BCPZ Datasheet HTML 17Page - Analog Devices AD9869BCPZ Datasheet HTML 18Page - Analog Devices AD9869BCPZ Datasheet HTML 19Page - Analog Devices AD9869BCPZ Datasheet HTML 20Page - Analog Devices AD9869BCPZ Datasheet HTML 21Page - Analog Devices AD9869BCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
AD9869
Rev. A | Page 17 of 36
TO
Tx DIGITAL
FILTER
12
ADIO
[11:0]
OSCIN
RXEN
AD9869
FROM
Rx ADC
12
RXEN
TXEN
TXEN
TXCLK
RXCLK
DACCLK
ADCCLK
CLKOUT
DIGITAL ASIC
Tx/Rx
DATA[11:0]
Figure 10. Example of a Half-Duplex Digital Interface with
AD9869 Serving as the Slave
Figure 11 shows a half-duplex interface with the AD9869 acting
as the master, generating all the required clocks. CLKOUT1
provides a clock equal to the bus data rate that is fed to the
ASIC as well as back to the TXCLK and RXCLK inputs. This
interface has the advantage of reducing the digital ASIC pin
count by three. The ASIC needs only to generate a bus control
signal that controls the data flow on the bidirectional bus.
TO
Tx DIGITAL
FILTER
12
ADIO
[11:0]
Tx/Rx
DATA[11:0]
CLKOUT1
AD9869
FROM
Rx ADC
12
RXEN
TXEN
BUS_CTR
TXCLK
RXCLK
CLKIN
DIGITAL ASIC
OSCIN
FROM
CRYSTAL
OR MASTER CLK
Figure 11. Example of a Half-Duplex Digital Interface with
AD9869 Serving as the Master
FULL-DUPLEX MODE
The full-duplex mode interface is selected when the MODE pin
is tied high. It can be used for full- or half-duplex applications.
The digital interface port is divided into two 6-bit ports called
Tx[5:0] and Rx[5:0], allowing simultaneous Tx and Rx operations
for full-duplex applications. In half-duplex applications, the Tx[5:0]
port can also be used to provide a fast update of the RxPGA
during an Rx operation. This feature is enabled by default and
can be used to reduce the required pin count of the ASIC (refer
to RXPGA Control section for details).
In either application, Tx data and Rx data are transferred
between the ASIC and AD9869 in 6-bit (or 5-bit) nibbles at
twice the internal input/output word rates of the Tx interpolation
filter and ADC. Note that the TxDAC update rate must not be
less than the nibble rate. Therefore, the 2× or 4× interpolation
filter must be used with a full-duplex interface.
The AD9869 acts as the master, providing RXCLK as an output
clock that is used for the timing of both the Tx[5:0] and Rx[5:0]
ports. RXCLK always runs at the nibble rate and can be inverted
or disabled via an SPI register. Because RXCLK is derived from
the clock synthesizer, it remains active provided that this
functional block remains powered on. A buffered version of the
signal appearing at OSCIN can also be directed to RXCLK by
setting Bit 2 of Register 0x05. This feature allows the AD9869 to
be completely powered down (including the clock synthesizer)
while serving as the master.
The Tx[5:0] port operates in the following manner with the SPI
register default settings:
1.
Two consecutive nibbles of the Tx data are multiplexed
together to form a 12-bit data-word in twos complement
format.
2.
The clock appearing on the RXCLK pin is a buffered
version of the internal clock used by the Tx[5:0] port’s
input latch with a frequency that is always twice the ADC
sample rate (2 × fADC).
3.
Data from the Tx[5:0] port is read on the rising edge of this
sampling clock, as illustrated in the timing diagram shown
in Figure 12. Note that TXQUIET must remain high for the
reconstructed Tx data to appear as an analog signal at the
output of the TxDAC or IAMP.
4.
The TXSYNC signal is used to indicate which word
belongs to which nibble. While TXSYNC is low, the first
nibble of every word is read as the most significant nibble.
The second nibble of that same word is read on the
following TXSYNC high level as the least significant
nibble. If TXSYNC is low for more than one clock cycle,
the last transmit data is read continuously until TXSYNC is
brought high for the second nibble of a new transmit word.
This feature can be used to flush the interpolator filters
with zeros. Note that the GAIN signal must be kept low
during a Tx operation.
Tx 2 LSB
Tx0LSB
tSU
t
HD
tDS
tDH
RXCLK
TXSYNC
Tx[5:0]
Tx1MSB
Tx1LSB
Tx2MSB
Tx2LSB
Tx3MSB
Figure 12. Tx[5:0] Port Full-Duplex Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com