Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9869BCPZ
Description  Broadband Modem Mixed-Signal Front End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9869BCPZ Datasheet HTML 3Page - Analog Devices AD9869BCPZ Datasheet HTML 4Page - Analog Devices AD9869BCPZ Datasheet HTML 5Page - Analog Devices AD9869BCPZ Datasheet HTML 6Page - Analog Devices AD9869BCPZ Datasheet HTML 7Page - Analog Devices AD9869BCPZ Datasheet HTML 8Page - Analog Devices AD9869BCPZ Datasheet HTML 9Page - Analog Devices AD9869BCPZ Datasheet HTML 10Page - Analog Devices AD9869BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AD9869
Rev. A | Page 6 of 36
POWER SUPPLY SPECIFICATIONS
AVDD = 3.3 V, DVDD = CLKVDD = DRVDD = 3.3 V, RSET = 2 kΩ, full-duplex operation with fDATA = 80 MSPS1, unless otherwise noted.
Table 3.
Parameter
Temp
Test Level2
Min
Typ
Max
Unit
SUPPLY VOLTAGES
AVDD
Full
V
3.135
3.3
3.465
V
CLKVDD
Full
V
3.0
3.3
3.6
V
DVDD
Full
V
3.0
3.3
3.6
V
DRVDD
Full
V
3.0
3.3
3.6
V
IS_TOTAL (Total Supply Current)
Full
II
406
475
mA
POWER CONSUMPTION
IAVDD + ICLKVDD (Analog Supply Current)
Full
IV
311
342
mA
IDVDD + IDRVDD (Digital Supply Current)
Full
IV
95
133
mA
POWER CONSUMPTION (Half-Duplex Operation with fDATA = 50 MSPS)3
Tx Mode
IAVDD + ICLKVDD
25°C
IV
112
130
mA
IDVDD + IDRVDD
25°C
IV
46
49.5
mA
Rx Mode
IAVDD + ICLKVDD
25°C
IV
225
253
mA
IDVDD + IDRVDD
25°C
IV
36.5
39
mA
POWER CONSUMPTION OF FUNCTIONAL BLOCKS1 (IAVDD + ICLKVDD)
RxPGA and LPF
25°C
III
87
mA
ADC
25°C
III
108
mA
TxDAC
25°C
III
38
mA
IAMP (Programmable)
25°C
III
10
100
mA
Reference
25°C
III
170
mA
CLK PLL and Synthesizer
25°C
III
107
mA
MAXIMUM ALLOWABLE POWER DISSIPATION
Full
IV
1.66
W
STANDBY POWER CONSUMPTION
IS_TOTAL (Total Supply Current)
Full
13
mA
POWER-DOWN DELAY (Using PWRDWN Pin)
RxPGA and LPF
25°C
III
440
ns
ADC
25°C
III
12
ns
TxDAC
25°C
III
20
ns
IAMP
25°C
III
20
ns
CLK PLL and Synthesizer
25°C
III
27
ns
POWER-UP DELAY (Using PWRDWN Pin)
RxPGA and LPF
25°C
III
7.8
μs
ADC
25°C
III
88
ns
TxDAC
25°C
III
13
μs
IAMP
25°C
III
20
ns
CLK PLL and Synthesizer
25°C
III
20
μs
1 Default power-up settings for MODE = high and CONFIG = low, IOUTP_FS = 20 mA, does not include IAMP current consumption, which is application dependent.
2 See the Explanation of Test Levels section.
3 Default power-up settings for MODE = low and CONFIG = low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com