Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9874EB Datasheet(PDF) 33 Page - Analog Devices

Part # AD9874EB
Description  IF Digitizing Subsystem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874EB Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9874EB Datasheet HTML 29Page - Analog Devices AD9874EB Datasheet HTML 30Page - Analog Devices AD9874EB Datasheet HTML 31Page - Analog Devices AD9874EB Datasheet HTML 32Page - Analog Devices AD9874EB Datasheet HTML 33Page - Analog Devices AD9874EB Datasheet HTML 34Page - Analog Devices AD9874EB Datasheet HTML 35Page - Analog Devices AD9874EB Datasheet HTML 36Page - Analog Devices AD9874EB Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
REV. A
AD9874
–32–
Figure 22b plots the nominal system NF with 16-bit output
data as a function of AGC in both narrow-band and wideband
mode. In wideband mode, the NF curve is virtually unchanged
relative to the 24-bit output data because the output SNR
before truncation is always less than the 96 dB SNR that 16-bit
data can support.
However, in narrow-band mode, where the output SNR
approaches or exceeds the SNR that can be supported with 16-bit
data, the degradation in system NF is more severe. Further-
more, if the signal processing within the DSP adds noise at the
level of an LSB, the system noise figure can be degraded even
more than Figure 22b shows. For example, this could occur in a
fixed 16-bit DSP whose code is not optimized to process the
AD9874’s 16-bit data with minimal quantization effects. To
limit the quantization effects within the AD9874, the 24-bit
data undergoes noise shaping just prior to 16-bit truncation,
thus reducing the in-band quantization noise by 5 dB (with 23
oversampling). This explains why 98.8 dBFS SNR performance
is still achievable with 16-bit data in a 10 kHz BW.
15
8
14
13
12
11
10
9
SNR = 98.8dBFS
BW = 50kHz
BW = 150kHz
SNR = 83dBFS
SNR = 94.1dBFS
BW = 10kHz
SNR = 89.9dBFS
16
17
3
6
0
9
12
VGA ATTENUATION – dB
Figure 22b. Nominal System Noise Figure and Peak SNR
vs. AGCG Setting (fIF = 73.35 MHz, fCLK = 18 MSPS, and
16-bit I/Q data)
APPLICATION CONSIDERATIONS
Frequency Planning
The LO frequency (and/or ADC clock frequency) must be
chosen carefully to prevent known internally generated spurs
from mixing down along with the desired signal, thus degrad-
ing the SNR performance. The major sources of spurs in the
AD9874 are the ADC clock and digital circuitry operating at
1/3 of fCLK. Thus, the clock frequency (fCLK) is the most
important variable in determining which LO (and therefore
IF) frequencies are viable.
Many applications have frequency plans that take advantage of
industry-standard IF frequencies due to the large selection of
low cost crystal or SAW filters. If the selected IF frequency and
ADC clock rate result in a problematic spurious component, an
alternative ADC clock rate should be selected by slightly modi-
fying the decimation factor and CLK synthesizer settings (if
used) such that the output sample rate remains the same. Also,
applications requiring a certain degree of tuning range should
take into consideration the location and magnitude of these
spurs when determining the tuning range as well as optimum IF
and ADC clock frequency.
Figure 23a plots the measured in-band noise power as a func-
tion of the LO frequency for fCLK = 18 MHz and an output
signal bandwidth of 150 kHz when no signal is present. Any LO
frequency resulting in large spurs should be avoided. As this
figure shows, large spurs result when the LO is fCLK/8 = 2.25 MHz
away from a harmonic of 18 MHz (i.e., n fCLK
fCLK/8). Also
problematic are LO frequencies whose odd order harmonics
(i.e., m fLO) mix with harmonics of fCLK to fCLK/8. This spur
mechanism is a result of the mixer being internally driven by a
squared-up version of the LO input consisting of the LO fre-
quency and its odd order harmonics. These spur frequencies
can be calculated from the relation
mf
n
f
LO
CLK
=±
()
18
(12)
where m = 1, 3, 5... and n = 1, 2, 3...
A second source of spurs is a large block of digital circuitry that
is clocked at fCLK/3. Problematic LO frequencies associated with
this spur source are given by:
ff
n f
f
LO
CLK
CLK
CLK
=+
±
/3
8
(13)
where n = 1, 2, 3 ...
–60
–70
–80
–90
–50
0
250
300
200
150
100
50
LO FREQUENCY – MHz
Figure 23a. Total In-Band Noise + Spur Power with No Signal Applied as a Function of the LO Frequency
(fCLK = 18 MHz and Output Signal Bandwidth of 150 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com