Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9874EB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9874EB
Description  IF Digitizing Subsystem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874EB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9874EB Datasheet HTML 18Page - Analog Devices AD9874EB Datasheet HTML 19Page - Analog Devices AD9874EB Datasheet HTML 20Page - Analog Devices AD9874EB Datasheet HTML 21Page - Analog Devices AD9874EB Datasheet HTML 22Page - Analog Devices AD9874EB Datasheet HTML 23Page - Analog Devices AD9874EB Datasheet HTML 24Page - Analog Devices AD9874EB Datasheet HTML 25Page - Analog Devices AD9874EB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
REV. A
AD9874
–21–
CLOCK SYNTHESIZER
The clock synthesizer is a fully programmable integer-N PLL
capable of 2.2 kHz resolution at clock input frequencies up to
18 MHz and reference frequencies up to 25 MHz. It is similar
to the LO synthesizer described in Figure 5 with the following
exceptions:
•
It does not include an 8/9 prescaler nor an A counter.
•
It includes a negative-resistance core that, when used in conjunc-
tion with an external LC tank and varactor, serves as the VCO.
The 14-bit reference counter and 13-bit N-divider counter can
be programmed via registers CKR and CKN. The clock
frequency, fCLK, is related to the reference frequency by the
equation
f
CKN CKR
f
CLK
REF
=
() ×
(5)
The charge pump current is programmable via the CKI register
from 0.625 mA to 5.0 mA using the equation:
I
CKI
mA
PUMP
=+
() ×
10 625
.
(6)
The fast acquire subcircuit of the charge pump is controlled by
the CKFA register in the same manner as the LO synthesizer is
controlled by the LOFA register. An on-chip lock detect func-
tion (enabled by the CKF bit) automatically increases the
output current for faster settling during channel changes. The
synthesizer may also be disabled using the CK standby bit
located in the STBY register.
2
CLK OSC. BIAS
IBIAS = 0.15 mA, 0.25 mA,
0.40 mA, OR 0.65 mA
VDDC = 3.0 V
IOUTC
LOSC
0.1 F
RBIAS
COSC
LOOP
FILTER
CVAR
RD
AD9874
CLKN
CLKP
VCM = VDDC – RBIAS
IBIAS > 1.6V
f
OSC > 1/{2
(LOSC (CVARACTOR//COSC))1/2}
CP
CZ
RF
Figure 7a. External Loop Filter, Varactor, and LC
Tank Are Required to Realize a Complete Clock
Synthesizer
The AD9874 clock synthesizer circuitry includes a negative-
resistance core so that only an external LC tank circuit with a
varactor is needed to realize a voltage controlled clock oscillator
(VCO). Figure 7a shows the external components required to
complete the clock synthesizer along with the equivalent input
circuitry of the CLK input. The resonant frequency of the VCO
is approximately determined by LOSC and the series equivalent
capacitance of COSC and CVAR. As a result, LOSC, COSC, and
CVAR should be selected to provide a sufficient tuning range to
ensure proper locking of the clock synthesizer.
The bias, IBIAS, of the negative-resistance core has four pro-
grammable settings. Lower equivalent Q of the LC tank circuit
may require a higher bias setting of the negative-resistance core
to ensure proper oscillation. RBIAS should be selected so the
common-mode voltage at CLKP and CLKN is approximately
1.6 V. The synthesizer may be disabled via the CK standby bit
to allow the user to employ an external synthesizer and/or VCO
in place of those resident on the IC. Note that if an external
CLK source or VCO is used, the clock oscillator must be dis-
abled via the CKO standby bit.
The phase noise performance of the clock synthesizer is depen-
dent on several factors, including the CLK oscillator IBIAS
setting, charge pump setting, loop filter component values, and
internal fREF setting. Figures 7b and 7c show how the measured
phase noise attributed to the clock synthesizer varies (relative to
an external fCLK) as a function of the IBIAS setting and charge
pump setting for a –31 dBm IFIN signal at 73.35 MHz with an
external LO signal at 71.1 MHz. Figure 7b shows that the opti-
mum phase noise is achieved with the highest IBIAS (CKO)
setting, while Figure 7c shows that the higher charge pump
values provide the optimum performance for the given loop
filter configuration. The AD9874 clock synthesizer and oscilla-
tor were set up to provide an fCLK of 18 MHz from an external
fREF of 16.8 MHz. The following external component values
were selected for the synthesizer: RF = 390
Ω, RD = 2 kΩ,
CZ = 0.68
µF, C
P = 0.1
µF, C
OSC = 91 pF, LOSC = 1.2
µH, and
CVAR = Toshiba 1SV228 Varactor.
–25
0
–90
–100
–110
–120
–20
–15
–10
–5
0
5
10
15
20
25
FREQUENCY OFFSET – kHz
–80
–70
–60
–50
–40
–30
–20
–10
–130
–140
CKO = 1
CKO = 0
CKO = 2
CKO = 3
EXT CLK
Figure 7b. CLK Phase Noise vs. IBIAS Setting (CKO)
(IF = 73.35 MHz, IF = 71.1 MHz, IFIN = –31 dBm,
fCLK = 18 MHz, fREF = 16.8 MHz) (CLK SYN Settings:
CKI = 7, CLR = 56, and CLN = 60 with fREF = 300 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com