Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9874EB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9874EB
Description  IF Digitizing Subsystem
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9874EB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9874EB Datasheet HTML 7Page - Analog Devices AD9874EB Datasheet HTML 8Page - Analog Devices AD9874EB Datasheet HTML 9Page - Analog Devices AD9874EB Datasheet HTML 10Page - Analog Devices AD9874EB Datasheet HTML 11Page - Analog Devices AD9874EB Datasheet HTML 12Page - Analog Devices AD9874EB Datasheet HTML 13Page - Analog Devices AD9874EB Datasheet HTML 14Page - Analog Devices AD9874EB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
REV. A
AD9874
–10–
LO DRIVE – dBm
0.1
–20
–14
–8
–5
0
–0.2
–0.4
–0.6
–0.8
–0.1
–0.3
–0.5
–0.7
–11
–17
LOW BIAS
HIGH BIAS
TPC 7a. Normalized Gain Variation
vs. LO Drive (VDDx = 3.0 V)
FREQUENCY – kHz
0
–140
–20
–40
–60
–80
–100
–120
–80
–60
–40
–20
0
20
40
60
80
–2.8dBFS OUTPUT
NBW = 3.66kHz
fCLK = 18MHz
MAX VGA ATTEN
DEC–BY–120
TPC 8a. Complex FFT of Baseband
I/Q for Single-Tone (High Bias)
FREQUENCY – kHz
0
–140
–20
–40
–60
–80
–100
–120
–80
–60
–40
–20
0
20
40
60
80
NBW = 3.66kHz
fCLK = 18MHz
MAX VGA ATTEN
DEC–BY–120
IMD = 74dBc
–18.2dBFS OUTPUT
TPC 9a. Complex FFT of Baseband
I/Q for Dual Tone IMD (High Bias
with Each IFIN Tone @ –35 dBm)
LO DRIVE – dBm
9.0
–20
–10
0
5
8.6
8.2
7.8
7.4
7.0
8.4
8.0
7.6
7.2
–5
–15
NF-HIGH BIAS
IMD-HIGH BIAS
NF-LOW BIAS
IMD-LOW BIAS
8.8
0
–20
–40
–60
–80
–30
–50
–70
–10
TPC 7b. Noise Figure and IMD
vs. LO Drive (VDDx = 3.0 V)
IFIN – dBm
0
–30
–14
ADC GOES INTO
HARD COMPRESSION
–28
–26
–24
–22
–20
–18
–16
–2
–4
–6
–8
–10
–12
2.7V
3.0V
3.3V
3.6V
TPC 8b. Gain Compression vs. IFIN
(High Bias2)
IFIN – dBm
–70
–124
–76
–82
–88
–100
–106
–118
–51
–48
–45
–42
–39
–36
–33
–30
PIN
2.7V
3.6V
3.0V
3.3V
–130
–112
–94
–15
–42
–18
–21
–24
–30
–33
–39
–45
–36
–27
TPC 9b. IMD vs. IFIN (High Bias2)
IFIN – dBm
–12
–36
–18
–24
–30
–36
–15
–21
–27
–33
–30
–24
–18
–12
–6
0
HIGH BIAS
LOW BIAS
TPC 7c. Gain Compression vs. IFIN
with 16 dB LNA Attenuator Enabled
IFIN – dBm
0
–30
–14
ADC DOES NOT GO INTO
HARD COMPRESSION
–28
–26
–24
–22
–20
–18
–14
–2
–4
–6
–8
–10
–12
2.7V
3.0V
3.3V
3.6V
–16
TPC 8c. Gain Compression vs. IFIN
(Low Bias3)
IFIN – dBm
–55
–109
–61
–67
–73
–85
–91
–103
–51
–48
–45
–42
–39
–36
–33
–30
PIN
2.7V
3.6V
3.0V
3.3V
–115
–97
–79
–15
–42
–18
–21
–24
–30
–33
–39
–45
–36
–27
TPC 9c. IMD vs. IFIN (Low Bias3)
(VDDI = VDDF = VDDA = VDDC = VDDL = VDDD = VDDH = VDDx, VDDQ = VDDP = 5.0 V,
fCLK = 18 MSPS, fIF = 109.56 MHz, fLO = 107.4 MHz,
TA = 25 C, LO = –5 dBm, LO and CLK Synthesizer Disabled, 16-Bit Data with AGC and DVGA enabled, unless otherwise noted.)
1
1Data taken with Toko FSLM series 10
µH inductors.
2High Bias corresponds to LNA_Mixer Setting of 33 in SPI Register 0x01.
3Low Bias corresponds to LNA_Mixer Setting of 12 in SPI Register 0x01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com