Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430A005IPWR Datasheet(PDF) 21 Page - Texas Instruments

Part # MSP430A005IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430A005IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430A005IPWR Datasheet HTML 17Page - Texas Instruments MSP430A005IPWR Datasheet HTML 18Page - Texas Instruments MSP430A005IPWR Datasheet HTML 19Page - Texas Instruments MSP430A005IPWR Datasheet HTML 20Page - Texas Instruments MSP430A005IPWR Datasheet HTML 21Page - Texas Instruments MSP430A005IPWR Datasheet HTML 22Page - Texas Instruments MSP430A005IPWR Datasheet HTML 23Page - Texas Instruments MSP430A005IPWR Datasheet HTML 24Page - Texas Instruments MSP430A005IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
MSP430x11x2, MSP430x12x2
MIXED SIGNAL MICROCONTROLLER
SLAS361D − JANUARY 2002 − REVISED AUGUST 2004
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
wake-up from lower power modes (LPMx)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(LPM0)
VCC = 2.2 V/3 V
100
t(LPM2)
VCC = 2.2 V/3 V
100
ns
f(MCLK) = 1 MHz,
VCC = 2.2 V/3 V
6
t(LPM3)
f(MCLK) = 2 MHz,
VCC = 2.2 V/3 V
6
µs
(LPM3)
Delay time (see Note 1)
f(MCLK) = 3 MHz,
VCC = 2.2 V/3 V
6
µ
f(MCLK) = 1 MHz,
VCC = 2.2 V/3 V
6
t(LPM4)
f(MCLK) = 2 MHz,
VCC = 2.2 V/3 V
6
µs
(LPM4)
f(MCLK) = 3 MHz,
VCC = 2.2 V/3 V
6
µ
NOTES:
1. Parameter applicable only if DCOCLK is used for MCLK.
USART (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 2.2 V
200
430
800
t(τ)
USART: deglitch time
VCC = 3 V
150
280
500
ns
NOTES:
1. The signal applied to the USART receive signal/terminal (URXD) should meet the timing requirements of t(τ) to ensure that the URXS
flip-flop is set. The URXS flip-flop is set with negative pulses meeting the minimum-timing condition of t(τ). The operating conditions
to set the flag must be met independently from this timing constraint. The deglitch circuitry is active only on negative transitions on
the URXD line.
RAM
PARAMETER
MIN
NOM
MAX
UNIT
V(RAMh)
CPU halted (see Note 1)
1.6
V
NOTES:
1. This parameter defines the minimum supply voltage VCC when the data in the program memory RAM remains unchanged. No
program execution should happen during this supply voltage condition.
POR brownout, reset (see Notes 1 and 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(BOR)
2000
µs
VCC(start)
dVCC/dt ≤ 3 V/s
0.7
× V(B_IT−)
V
V(B_IT−)
dVCC/dt ≤ 3 V/s
1.71
V
Vhys(B_IT−)
Brownout
dVCC/dt ≤ 3 V/s
70
130
180
mV
t(reset)
Pulse length needed at RST/NMI pin to accepted reset internally,
VCC = 2.2 V/3 V
2
µs
NOTES:
1. The current consumption of the brown-out module is already included in the ICC current consumption data.
2. During power up, the CPU begins code execution following a period of td(BOR) after VCC = V(B_IT−) + Vhys(B_IT−).
The default DCO settings must not be changed until VCC ≥ VCC(min), where VCC(min) is the minimum supply voltage for the
desired operating frequency. See the MSP430x1xx Family User’s Guide for more information on the brownout circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com