Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430A005IPWR Datasheet(PDF) 23 Page - Texas Instruments

Part # MSP430A005IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430A005IPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button MSP430A005IPWR Datasheet HTML 19Page - Texas Instruments MSP430A005IPWR Datasheet HTML 20Page - Texas Instruments MSP430A005IPWR Datasheet HTML 21Page - Texas Instruments MSP430A005IPWR Datasheet HTML 22Page - Texas Instruments MSP430A005IPWR Datasheet HTML 23Page - Texas Instruments MSP430A005IPWR Datasheet HTML 24Page - Texas Instruments MSP430A005IPWR Datasheet HTML 25Page - Texas Instruments MSP430A005IPWR Datasheet HTML 26Page - Texas Instruments MSP430A005IPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
MSP430x11x2, MSP430x12x2
MIXED SIGNAL MICROCONTROLLER
SLAS361D − JANUARY 2002 − REVISED AUGUST 2004
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
DCO
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
°
2.2 V
0.08
0.12
0.15
f(DCO03)
Rsel = 0, DCO = 3, MOD = 0, DCOR = 0,
TA = 25°C
3 V
0.08
0.13
0.16
MHz
°
2.2 V
0.14
0.19
0.23
f(DCO13)
Rsel = 1, DCO = 3, MOD = 0, DCOR = 0,
TA = 25°C
3 V
0.14
0.18
0.22
MHz
°
2.2 V
0.22
0.3
0.36
f(DCO23)
Rsel = 2, DCO = 3, MOD = 0, DCOR = 0,
TA = 25°C
3 V
0.22
0.28
0.34
MHz
°
2.2 V
0.37
0.49
0.59
f(DCO33)
Rsel = 3, DCO = 3, MOD = 0, DCOR = 0,
TA = 25°C
3 V
0.37
0.47
0.56
MHz
°
2.2 V
0.61
0.77
0.93
f(DCO43)
Rsel = 4, DCO = 3, MOD = 0, DCOR = 0,
TA = 25°C
3 V
0.61
0.75
0.9
MHz
°
2.2 V
1
1.2
1.5
f(DCO53)
Rsel = 5, DCO = 3, MOD = 0, DCOR = 0,
TA = 25°C
3 V
1
1.3
1.5
MHz
°
2.2 V
1.6
1.9
2.2
f(DCO63)
Rsel = 6, DCO = 3, MOD = 0, DCOR = 0,
TA = 25°C
3 V
1.69
2
2.29
MHz
°
2.2 V
2.4
2.9
3.4
f(DCO73)
Rsel = 7, DCO = 3, MOD = 0, DCOR = 0,
TA = 25°C
3 V
2.7
3.2
3.65
MHz
°
2.2 V
4
4.5
4.9
f(DCO77)
Rsel = 7, DCO = 7, MOD = 0, DCOR = 0,
TA = 25°C
3 V
4.4
4.9
5.4
MHz
°
fDCO40
fDCO40
fDCO40
f(DCO47)
Rsel = 4, DCO = 7, MOD = 0, DCOR = 0,
TA = 25°C
2.2 V/3 V
fDCO40
x1.7
fDCO40
x2.1
fDCO40
x2.5
MHz
S(Rsel)
SR = fRsel+1/fRsel
2.2 V/3 V
1.35
1.65
2
S(DCO)
SDCO = fDCO+1/fDCO
2.2 V/3 V
1.07
1.12
1.16
ratio
2.2 V
−0.31
−0.36
−0.4
°
Dt
Temperature drift, Rsel = 4, DCO = 3, MOD = 0 (see Note 1)
3 V
−0.33
−0.38
−0.43
%/
°C
DV
Drift with VCC variation, Rsel = 4, DCO = 3, MOD = 0
(see Note 1)
2.2 V/3 V
±5
%/V
NOTES:
1. These parameters are not production tested.
2.2 V
3 V
VCC
Max
Min
Max
Min
f(DCOx7)
f(DCOx0)
0
1
2
3
45
67
DCO Steps
Figure 9. DCO Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com