Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430A005IPWR Datasheet(PDF) 22 Page - Texas Instruments

Part # MSP430A005IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430A005IPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP430A005IPWR Datasheet HTML 18Page - Texas Instruments MSP430A005IPWR Datasheet HTML 19Page - Texas Instruments MSP430A005IPWR Datasheet HTML 20Page - Texas Instruments MSP430A005IPWR Datasheet HTML 21Page - Texas Instruments MSP430A005IPWR Datasheet HTML 22Page - Texas Instruments MSP430A005IPWR Datasheet HTML 23Page - Texas Instruments MSP430A005IPWR Datasheet HTML 24Page - Texas Instruments MSP430A005IPWR Datasheet HTML 25Page - Texas Instruments MSP430A005IPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
MSP430x11x2, MSP430x12x2
MIXED SIGNAL MICROCONTROLLER
SLAS361D − JANUARY 2002 − REVISED AUGUST 2004
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
0
1
td(BOR)
VCC
V(B_IT−)
Vhys(B_IT−)
VCC(start)
Set signal for
POR circuitry
Figure 6. POR/Brownout Reset (BOR) vs Supply Voltage
VCC(min)
VCC
3 V
t pw
0
0.50
1
1.50
2
0.001
1
1000
V
= 3.0 V
Typical Conditions
1ns
1ns
tpw − Pulse Width − µs
tpw − Pulse Width − µs
cc
Figure 7. VCC(min) Level With a Square Voltage Drop to Generate a POR/Brownout Signal
VCC
0
0.50
1
1.50
2
VCC(min)
t pw
tpw − Pulse Width − µs
3 V
0.001
1
1000
tfall
trise
tpw − Pulse Width − µs
tfall = trise
V
= 3.0 V
Typical Conditions
cc
Figure 8. VCC(min) Level With a Triangle Voltage Drop to Generate a POR/Brownout Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com