Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD654 Datasheet(PDF) 6 Page - Analog Devices

Part # AD654
Description  Low Cost Monolithic Voltage-to-Frequency Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD654 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD654 Datasheet HTML 2Page - Analog Devices AD654 Datasheet HTML 3Page - Analog Devices AD654 Datasheet HTML 4Page - Analog Devices AD654 Datasheet HTML 5Page - Analog Devices AD654 Datasheet HTML 6Page - Analog Devices AD654 Datasheet HTML 7Page - Analog Devices AD654 Datasheet HTML 8Page - Analog Devices AD654 Datasheet HTML 9Page - Analog Devices AD654 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AD654
REV.
–5–
(OPTIONAL)
C
R1
R2
VIN
RCOMP
AD654
Figure 3b. Bias Current Compensation—Negative Inputs
If the AD654’s 1 mV offset voltage must be trimmed, the trim
must be performed external to the device. Figure 3c shows an
optional connection for positive inputs in which ROFF1 and
ROFF2 add a variable resistance in series with RT. A variable
source of
±0.6 V applied to R
OFF1 then adjusts the offset
±1 mV.
Similarly, a
±0.6 V variable source is applied to R
OFF in Fig-
ure 3d to trim offset for negative inputs. The
±0.6 V bipolar
source could simply be an AD589 reference connected as shown
in Figure 3e.
VIN
10k
AD654
5k
8.25k
ROFF2
20
ROFF1
10k
0.6V
Figure 3c. Offset Trim Positive Input (10 V FS)
VIN
10k
AD654
5k
8.25k
ROFF
5.6M
0.6V
Figure 3d. Offset Trim Negative Input (–10 V FS)
+5V
R3
10k
0.6V
R4
10k
R5
100k
+
–
AD589
R1
10k
R1
10k
R2
10k
–5V
Figure 3e. Offset Trim Bias Network
FULL-SCALE CALIBRATION
Full-scale trim is the calibration of the circuit to produce the
desired output frequency with a full-scale input applied. In most
cases this is accomplished by adjusting the scaling resistor RT.
Precise calibration of the AD654 requires the use of an accurate
voltage standard set to the desired FS value and an accurate
frequency meter. A scope is handy for monitoring output wave-
shape. Verification of converter linearity requires the use of a
switchable voltage source or DAC having a linearity error below
±0.005%, and the use of long measurement intervals to mini-
mize count uncertainties. Since each AD654 is factory tested for
linearity, it is unnecessary for the end-user to perform this tedious
and time consuming test on a routine basis.
Sufficient FS calibration trim range must be provided to accom-
modate the worst-case sum of all major scaling errors. This
includes the AD654’s 10% full-scale error, the tolerance of the
fixed scaling resistor, and the tolerance of the timing capacitor.
Therefore, with a resistor tolerance of 1% and a capacitor tolerance
of 5%, the fixed part of the scaling resistor should be a maximum
of 84% of nominal, with the variable portion selected to allow
116% of the nominal.
If the input is in the form of a negative current source, the scaling
resistor is no longer required, eliminating the capability of trim-
ming FS frequency in this fashion. Since it is usually not practical
to smoothly vary the capacitance for trimming purposes, an
alternative scheme such as the one shown in Figure 4 is needed.
Designed for a FS of 1 mA, this circuit divides the input into two
AD654
ROFF
100k
R4
392
R3
1k
0.6V
*
*OPTIONAL
OFFSET TRIM
f =
IS
(20V) CT
IR
–V
1mA
FS
IS
R2
100
R1
100
Figure 4. Current Source FS Trim
and flowing into Pin 3; it constitutes the signal current IT to be
converted. The second path, through another 100
Ω resistor R2,
carries the same nominal current. Two equal valued resistors
offer the best overall stability, and should be either 1% discrete
film units, or a pair from a common array.
Since the 1 mA FS input current is divided into two 500
µA legs
(one to ground and one to Pin 3), the total input signal current
(IS) is divided by a factor of two in this network. To achieve the
same conversion scale factor, CT must be reduced by a factor of
two. This results in a transfer unique to this hookup:
f
=
IS
(20 V ) CT
For calibration purposes, resistors R3 and R4 are added to the
network, allowing a
± 15% trim of scale factor with the values
shown. By varying R4’s value the trim range can be modified to
accommodate wider tolerance components or perhaps the cali-
bration tolerance on a current output transducer such as the
AD592 temperature sensor. Although the values of R1–R4 shown
are valid for 1 mA FS signals only, they can be scaled upward
proportionately for lower FS currents. For instance, they should
be increased by a factor of ten for a FS current of 100
µA.
In addition to the offsets generated by the input amplifier’s bias
and offset currents, an offset voltage induced parasitic current
arises from the current fork input network. These effects are
minimized by using the bias current compensation resistor ROFF
and offset trim scheme shown in Figure 3e.
Although device warm-up drifts are small, it is good practice to
allow the devices operating environment to stabilize before trim,
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com