Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD654 Datasheet(PDF) 3 Page - Analog Devices

Part # AD654
Description  Low Cost Monolithic Voltage-to-Frequency Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD654 Datasheet(HTML) 3 Page - Analog Devices

  AD654 Datasheet HTML 1Page - Analog Devices AD654 Datasheet HTML 2Page - Analog Devices AD654 Datasheet HTML 3Page - Analog Devices AD654 Datasheet HTML 4Page - Analog Devices AD654 Datasheet HTML 5Page - Analog Devices AD654 Datasheet HTML 6Page - Analog Devices AD654 Datasheet HTML 7Page - Analog Devices AD654 Datasheet HTML 8Page - Analog Devices AD654 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
–2–
REV.
AD654–SPECIFICATIONS
(TA = +25 C and VS (total) = 5 V to 16.5 V, unless otherwise noted. All testing done
@ VS = +5 V.)
AD654JN/JR
Model
Min
Typ
Max
Units
CURRENT-TO-FREQUENCY CONVERTER
Frequency Range
0
500
kHz
Nonlinearity1
fMAX = 250 kHz
0.06
0.1
%
fMAX = 500 kHz
0.20
0.4
%
Full-Scale Calibration Error
C = 390 pF, IIN = 1.000 mA
–10
+10
%
vs. Supply (fMAX
≤ 250 kHz)
VS = +4.75 V to +5.25 V
0.20
0.40
%/V
VS = +5.25 V to +16.5 V
0.05
0.10
%/V
vs. Temp (0
°C to +70°C)
50
ppm/
°C
ANALOG INPUT AMPLIFIER
(Voltage-to-Current Converter)
Voltage Input Range
Single Supply
0
(+VS – 4)
V
Dual Supply
–VS
(+VS – 4)
V
Input Bias Current
(Either Input)
30
50
nA
Input Offset Current
5
nA
Input Resistance (Noninverting)
250
M
Ω
Input Offset Voltage
0.5
1.0
mV
vs. Supply
VS = +4.75 V to +5.25 V
0.1
0.25
mV/V
VS = +5.25 V to +16.5 V
0.03
0.1
mV/V
vs. Temp (0
°C to +70°C)
4
µV/°C
OUTPUT INTERFACE (Open Collector Output)
(Symmetrical Square Wave)
Output Sink Current in Logic “0”
2
VOUT = 0.4 V max, +25
°C
10
20
mA
VOUT = 0.4 V max, 0
°C to +70°C5
10
mA
Output Leakage Current in Logic “1”
10
100
nA
0
°C to +70°C
50
500
nA
Logic Common Level Range
–VS
(+VS – 4)
V
Rise/Fall Times (CT = 0.01
µF)
IIN = 1 mA
0.2
µs
IIN = 1 µA1
µs
POWER SUPPLY
Voltage, Rated Performance
4.5
16.5
V
Voltage, Operating Range
Single Supply
4.5
36
V
Dual Supply
±5
±18
V
Quiescent Current
VS (Total) = 5 V
1.5
2.5
mA
VS (Total) = 30 V
2.0
3.0
mA
TEMPERATURE RANGE
Operating Range
–40
+85
°C
NOTES
1At f
MAX = 250 kHz; R T = 1 kΩ, CT = 390 pF, IIN = 0 mA–1 mA.
1At f
MAX = 500 kHz; R T = 1 kΩ, CT = 200 pF, IIN = 0 mA–1 mA.
2The sink current is the amount of current that can flow into Pin 1 of the AD654 while maintaining a maximum voltage of 0.4 V between Pin 1 and Logic Common.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
Specifications subject to change without notice.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com