Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD654 Datasheet(PDF) 1 Page - Analog Devices

Part # AD654
Description  Low Cost Monolithic Voltage-to-Frequency Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD654 Datasheet(HTML) 1 Page - Analog Devices

  AD654 Datasheet HTML 1Page - Analog Devices AD654 Datasheet HTML 2Page - Analog Devices AD654 Datasheet HTML 3Page - Analog Devices AD654 Datasheet HTML 4Page - Analog Devices AD654 Datasheet HTML 5Page - Analog Devices AD654 Datasheet HTML 6Page - Analog Devices AD654 Datasheet HTML 7Page - Analog Devices AD654 Datasheet HTML 8Page - Analog Devices AD654 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD654
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax:
© Analog Devices, Inc.,
Low Cost Monolithic
Voltage-to-Frequency Converter
FEATURES
Low Cost
Single or Dual Supply, 5 V to 36 V,
5 V to
18 V
Full-Scale Frequency Up to 500 kHz
Minimum Number of External Components Needed
Versatile Input Amplifier
Positive or Negative Voltage Modes
Negative Current Mode
High Input Impedance, Low Drift
Low Power: 2.0 mA Quiescent Current
Low Offset: 1 mV
PRODUCT DESCRIPTION
The AD654 is a monolithic V/F converter consisting of an input
amplifier, a precision oscillator system, and a high current output
stage. A single RC network is all that is required to set up any
full scale (FS) frequency up to 500 kHz and any FS input voltage
up to
± 30 V. Linearity error is only 0.03% for a 250 kHz FS,
and operation is guaranteed over an 80 dB dynamic range. The
overall temperature coefficient (excluding the effects of external
components) is typically
±50 ppm/°C. The AD654 operates from
a single supply of 5 V to 36 V and consumes only 2.0 mA quies-
cent current.
The low drift (4
µV/°C typ) input amplifier allows operation
directly from small signals such as thermocouples or strain gauges
while offering a high (250 M
Ω) input resistance. Unlike most
V/F converters, the AD654 provides a square-wave output, and
can drive up to 12 TTL loads, optocouplers, long cables, or
similar loads.
PRODUCT HIGHLIGHTS
1. Packaged in both an 8-lead mini-DIP and an 8-lead SOIC
package, the AD654 is a complete V/F converter requiring
only an RC timing network to set the desired full-scale fre-
quency and a selectable pull-up resistor for the open-collector
output stage. Any full scale input voltage range from 100 mV
to 10 volts (or greater, depending on +VS) can be accommo-
dated by proper selection of the timing resistor. The full-
scale frequency is then set by the timing capacitor from the
simple relationship, f = V/10 RC.
2. A minimum number of low cost external components are
necessary. A single RC network is all that is required to set
up any full scale frequency up to 500 kHz and any full-scale
input voltage up to
±30 V.
3. Plastic packaging allows low cost implementation of the
standard VFC applications: A/D conversion, isolated signal
transmission, F/V conversion, phase-locked loops, and tuning
switched-capacitor filters.
4. Power supply requirements are minimal; only 2.0 mA of
quiescent current is drawn from the single positive supply
from 4.5 volts to 36 volts. In this mode, positive inputs can
vary from 0 volts (ground) to (+VS –4) volts. Negative inputs
can easily be connected for below ground operation.
5. The versatile open-collector output stage can sink more than
10 mA with a saturation voltage less than 0.4 volts. The Logic
Common terminal can be connected to any level between
ground (or –VS) and 4 volts below +VS. This allows easy
direct interface to any logic family with either positive or
negative logic levels.
FUNCTIONAL BLOCK DIAGRAM
3
2
1
5
8
7
6
AD654
4
DRIVER
OSC
FOUT
LOGIC
COMMON
RT
+VIN
+VS
CT
CT
–VS
2013
781/461.3113
C


Similar Part No. - AD654

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD654 AD-AD654 Datasheet
180Kb / 11P
Low Cost Monolithic Voltage-to-Frequency Converter
AD654 AD-AD654 Datasheet
2Mb / 13P
Analog Devices Wiki
7/12/22
AD6548 AD-AD6548 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD6548 AD-AD6548 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD654JN AD-AD654JN Datasheet
180Kb / 11P
Low Cost Monolithic Voltage-to-Frequency Converter
More results

Similar Description - AD654

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD654 AD-AD654 Datasheet
180Kb / 11P
Low Cost Monolithic Voltage-to-Frequency Converter
AD652KPZ AD-AD652KPZ Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD654JRZ AD-AD654JRZ Datasheet
359Kb / 12P
Low Cost Monolithic Voltage-to-Frequency Converter
REV. C
AD652JPZ AD-AD652JPZ Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652KPZ-REEL AD-AD652KPZ-REEL Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652JPZ-REEL AD-AD652JPZ-REEL Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD652 AD-AD652_15 Datasheet
786Kb / 28P
Monolithic Synchronous Voltage-to-Frequency Converter
REV. C
AD654 AD-AD654_15 Datasheet
359Kb / 12P
Low Cost Monolithic Voltage-to-Frequency Converter
REV. C
AD652 AD-AD652_17 Datasheet
631Kb / 29P
Monolithic Synchronous Voltage-to-Frequency Converter
23-Feb-2017
AD651 AD-AD651 Datasheet
1Mb / 16P
Monolithic Synchronous Voltage-to-Frequency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com