Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMSC6701 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMSC6701
Description  FLOATING POINT DIGITAL SIGNAL PROCESSOR
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMSC6701 Datasheet(HTML) 1 Page - Texas Instruments

  TMSC6701 Datasheet HTML 1Page - Texas Instruments TMSC6701 Datasheet HTML 2Page - Texas Instruments TMSC6701 Datasheet HTML 3Page - Texas Instruments TMSC6701 Datasheet HTML 4Page - Texas Instruments TMSC6701 Datasheet HTML 5Page - Texas Instruments TMSC6701 Datasheet HTML 6Page - Texas Instruments TMSC6701 Datasheet HTML 7Page - Texas Instruments TMSC6701 Datasheet HTML 8Page - Texas Instruments TMSC6701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
TMS320C6701
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS067E – MAY 1998 – REVISED MAY 2000
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Highest Performance Floating-Point Digital
Signal Processor (DSP) TMS320C6701
– 8.3-, 6.7-, 6-ns Instruction Cycle Time
– 120-, 150-, 167-MHz Clock Rate
– Eight 32-Bit Instructions/Cycle
– 1 GFLOPS
– TMS320C6201 Fixed-Point DSP
Pin-Compatible
D VelociTI™ Advanced Very Long Instruction
Word (VLIW) ’C67x CPU Core
– Eight Highly Independent Functional
Units:
– Four ALUs (Floating- and Fixed-Point)
– Two ALUs (Fixed-Point)
– Two Multipliers (Floating- and
Fixed-Point)
– Load-Store Architecture With 32 32-Bit
General-Purpose Registers
– Instruction Packing Reduces Code Size
– All Instructions Conditional
D Instruction Set Features
– Hardware Support for IEEE
Single-Precision Instructions
– Hardware Support for IEEE
Double-Precision Instructions
– Byte-Addressable (8-, 16-, 32-Bit Data)
– 8-Bit Overflow Protection
– Saturation
– Bit-Field Extract, Set, Clear
– Bit-Counting
– Normalization
D 1M-Bit On-Chip SRAM
– 512K-Bit Internal Program/Cache
(16K 32-Bit Instructions)
– 512K-Bit Dual-Access Internal Data
(64K Bytes)
D 32-Bit External Memory Interface (EMIF)
– Glueless Interface to Synchronous
Memories: SDRAM and SBSRAM
– Glueless Interface to Asynchronous
Memories: SRAM and EPROM
– 52M-Byte Addressable External Memory
Space
D Four-Channel Bootloading
Direct-Memory-Access (DMA) Controller
With an Auxiliary Channel
D 16-Bit Host-Port Interface (HPI)
– Access to Entire Memory Map
D Two Multichannel Buffered Serial Ports
(McBSPs)
– Direct Interface to T1/E1, MVIP, SCSA
Framers
– ST-Bus-Switching Compatible
– Up to 256 Channels Each
– AC97-Compatible
– Serial-Peripheral-Interface (SPI)
Compatible (Motorola
™)
D Two 32-Bit General-Purpose Timers
D Flexible Phase-Locked-Loop (PLL) Clock
Generator
D IEEE-1149.1 (JTAG†)
Boundary-Scan-Compatible
D 352-Pin Ball Grid Array (BGA) Package
(GJC Suffix)
D 0.18-µm/5-Level Metal Process
– CMOS Technology
D 3.3-V I/Os, 1.8-V Internal (120-, 150-MHz)
D 3.3-V I/Os, 1.9-V Internal (167-MHz Only)
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
1
26
GJC (352-PIN BGA) PACKAGE
(BOTTOM VIEW)
VelociTI is a trademark of Texas Instruments.
Motorola is a trademark of Motorola, Inc.
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.


Similar Part No. - TMSC6701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMSC6701GJC16719V TI-TMSC6701GJC16719V Datasheet
1Mb / 70P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701GJC16719V TI-TMSC6701GJC16719V Datasheet
967Kb / 70P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701GJC16719V TI2-TMSC6701GJC16719V Datasheet
1Mb / 72P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
REVISED MARCH 2004
TMSC6701GJC16719V.A TI2-TMSC6701GJC16719V.A Datasheet
1Mb / 72P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
REVISED MARCH 2004
More results

Similar Description - TMSC6701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
FLOATING - POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
Floating-Point Digital Signal Processor
SMJ320C6701 TI-SMJ320C6701_15 Datasheet
1,002Kb / 66P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6727B TI1-SM320C6727B Datasheet
710Kb / 111P
Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com