Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMSC6701 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMSC6701
Description  FLOATING POINT DIGITAL SIGNAL PROCESSOR
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMSC6701 Datasheet(HTML) 3 Page - Texas Instruments

  TMSC6701 Datasheet HTML 1Page - Texas Instruments TMSC6701 Datasheet HTML 2Page - Texas Instruments TMSC6701 Datasheet HTML 3Page - Texas Instruments TMSC6701 Datasheet HTML 4Page - Texas Instruments TMSC6701 Datasheet HTML 5Page - Texas Instruments TMSC6701 Datasheet HTML 6Page - Texas Instruments TMSC6701 Datasheet HTML 7Page - Texas Instruments TMSC6701 Datasheet HTML 8Page - Texas Instruments TMSC6701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
TMS320C6701
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS067E – MAY 1998 – REVISED MAY 2000
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
description
The TMS320C67x DSPs are the floating-point DSP family in the TMS320C6000
™ DSP platform. The
TMS320C6701
(’C6701)
device
is
based
on
the
high-performance,
advanced
VelociTI
very-long-instruction-word (VLIW) architecture developed by Texas Instruments (TI), making this DSP an
excellent choice for multichannel and multifunction applications. With performance of up to 1 giga floating-point
operations per second (GFLOPS) at a clock rate of 167 MHz, the ’C6701 offers cost-effective solutions to
high-performance DSP programming challenges. The ’C6701 DSP possesses the operational flexibility of
high-speed controllers and the numerical capability of array processors. This processor has 32 general-purpose
registers of 32-bit word length and eight highly independent functional units. The eight functional units provide
four floating-/fixed-point ALUs, two fixed-point ALUs, and two floating-/fixed-point multipliers. The ’C6701 can
produce two multiply-accumulates (MACs) per cycle for a total of 334 million MACs per second (MMACS). The
’C6701 DSP also has application-specific hardware logic, on-chip memory, and additional on-chip peripherals.
The ’C6701 includes a large bank of on-chip memory and has a powerful and diverse set of peripherals.
Program memory consists of a 64K-byte block that is user-configurable as cache or memory-mapped program
space. Data memory consists of two 32K-byte blocks of RAM. The peripheral set includes two multichannel
buffered serial ports (McBSPs), two general-purpose timers, a host-port interface (HPI), and a glueless external
memory interface (EMIF) capable of interfacing to SDRAM or SBSRAM and asynchronous peripherals.
The ’C6701 has a complete set of development tools which includes: a new C compiler, an assembly optimizer
to simplify programming and scheduling, and a Windows
™ debugger interface for visibility into source code
execution.
device characteristics
Table 1 provides an overview of the ’C6701 DSP. The table shows significant features of each device, including
the capacity of on-chip RAM, the peripherals, the execution time, and the package type with pin count, etc.
Table 1. Characteristics of the ’C6701 Processors
HARDWARE FEATURES
’C6701
EMIF
1
DMA
4-Channel
Peripherals
Host-Port Interface (HPI)
1
Peri herals
McBSPs
2
32-Bit Timers
2
Internal Program Memory
Size (Bytes)
64K
Internal Program Memory
Organization
64K Bytes Cache/Mapped Program
Internal Data Memory
Size (Bytes)
64K
Internal Data Memory
Organization
2 Blocks: Eight 16-Bit Banks per Block 50/50 Split
Frequency
MHz
120, 150, 167
Cycle Time
ns
6 ns (’6701-167); 6.7 ns (’6701-150); 8.3 ns (’6701-120)
Core (V)
1.8 (’6701-120, -150)
Voltage
Core (V)
1.9 (’6701-167 only)
Voltage
I/O (V)
3.3
PLL Options
CLKIN frequency multiplier
Bypass (x1), x4
BGA Package
35 x 35 mm
352-pin GJC
Process Technology
µm
0.18
µm
Product Status
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PD
TMS320C6000 is a trademark of Texas Instruments.
Windows is a registered trademark of Microsoft Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com