Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-REF01-HB Datasheet(PDF) 8 Page - Recom International Power

Part # R-REF01-HB
Description  Half-bridge voltage up to 1kV
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF01-HB Datasheet(HTML) 8 Page - Recom International Power

Back Button R-REF01-HB Datasheet HTML 4Page - Recom International Power R-REF01-HB Datasheet HTML 5Page - Recom International Power R-REF01-HB Datasheet HTML 6Page - Recom International Power R-REF01-HB Datasheet HTML 7Page - Recom International Power R-REF01-HB Datasheet HTML 8Page - Recom International Power R-REF01-HB Datasheet HTML 9Page - Recom International Power R-REF01-HB Datasheet HTML 10Page - Recom International Power R-REF01-HB Datasheet HTML 11Page - Recom International Power R-REF01-HB Datasheet HTML 12Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Specifications (measured @ ta= 25°C, 1.5Vin, full load after warm up unless otherwise stated)
R-REF01-HB
P-8
REV.: 0/2017
www.recom-power.com
Reference Design
Part Name/Number
Description
Manufacturer Part Number
Manufacturer Qty. Comps.
74279245
FERRITE BEAD 110
Ω 1806 1LN
74279245
Wurth
1
FB1
BNC_50OHM_6.26mm_THD
CONN BNC JACK STR 50
Ω PCB
5-1634503-1
TE Connectivity
2
U1 U2
C1µF-1kV-FOIL-32mmX13mm
CAP FILM 1µF 10% 1kVDC RADIAL
R71QR41004010K
KEMET
1
C10
C1µF-0603-16V
CAP CER 1µF 16V X7R 0603
CC0603KRX7R7BB105
Yageo
1
C19
C1µF-0603-25V
CAP CER 1µF 25V X7R 0603
TMK107B7105KA-T
Taiyo Yuden
1
C18
C1µF-0603-50V
1µF ±10% 50V X7R MLCC CAPACITOR 0603
UMK107AB7105KA-T
Taiyo Yuden
8
C3 C4 C7
C8 C9 C11 C13
C15
C2.2nF-0603-50V
CAP CER 2200pF 50V X7R 0603
CC0603KRX7R9BB222
Yageo
1
C17
C3M0120100K-HYBRID
1000V 120m
Ω G3 SIC MOSFET
C3M0120100K
Cree/
Wolfspeed
2
T1 T2
C4.7µF-1206-50V
4.7µF ±10% 50V X7R MLCC CAPACITOR
1206
UMK316AB7475KL-T
Taiyo Yuden
1
C5
C10µF-1210-50V
CAP CER 10µF 50V X7R 1210
UMK325AB7106KMHT
Taiyo Yuden
1
C16
C22µF-1210-25V
CAP CER 22µF 25V X7R 1210
TMK325B7226KM-PR
Taiyo Yuden
2
C1 C2
C100nF-0603-50V
0.10µF ±20% 50V X7R CERAMIC CAPACITOR
SURFACE MOUNT MLCC 0603
C0603C104M5RACTU
Kemet
3
C6 C12
C14
CONNECTOR_2X1_5.5mm
MOLEX MINI-FIT JR
39-29-0023
Molex
1
CON1
CONNECTOR_6.35mmX0.83mm
FASTON 250 PCB TAB TPBR 6.35 x 0.83mm
L=15.8mm
62409-1
TE Connectivity
3
CON2
CON3 CON5
HEADER_2X2.54mm_WURTH
CONN HEADER 2 POS 2.54
61300211121
Wurth
1
CON4
L78L05ABUTR
IC REG LINEAR 5V 100mA SOT89-3
L78L05ABUTR
STMicroelect-
ronics
1
IC8
LED-0603-GREEN-3.2V
LED GREEN CLEAR 0603 SMD
150060GS75000
Wurth
4
LED1
LED2 LED3
LED4
PMEG6010-SOD323
DIODE SCHOTTKY 60V 1A SOD323F
PMEG6010
PMEG6010CEJ
NXP
2
D1 D2
R0-0603
RES SMD 0.0
Ω JUMPER 1/10W 0603
RC0603JR-070RL
Yageo
4
2
R19 R20
R24 R25
R21 R26
R2K0-0603
RES SMD 2k
Ω 1% 1/10W 0603
RC0603FR-072KL
Yageo
2
R3 R6
R3E3-0207-MELF
RES SMD 3.3
Ω 1% 1W 0207
MMB02070C3308FB200
Vishay Bey-
schlag
2
R2 R5
R12P22005D
CONV DC/DC 2W 5VIN +20/-5VOUT
R12P22005D
RECOM
2
IC2 IC3
R10K0-0603
RES SMD 10k
Ω 1% 1/10W 0603
RC0603FR-0710KL
Yageo
1
9
R22
R7 R8 R9 R10
R11 R12 R13
R14 R23
R22E0-0207-MELF
RES SMD 22
Ω 1% 1W 0207
MMB02070C2209FB200
Vishay Bey-
schlag
2
R1 R4
R47K-1206
RES SMD 47k
Ω 1% 1/4W 1206
RC1206FR-0747KL
Yageo
4
R15 R16
R17 R18
R-78C12-1.0
CONV DC/DC 1A 12V OUT SIP VERT
R-78C12-1.0
RECOM
1
IC5
SI8273GBD-IS1
OPTOISO 2.5kV GATE DRVR 16SOIC
SI8273GBD-IS1
Silicon Labs
1
IC1
UCC21520
OPTOISO 5.7kV GATE DRVR 16SOIC
UCC21520ADW
Texas Instru-
ments
1
IC7
ZXGD3006E6TA
IC GATE DRVR IGBT/MOSFET SOT26
ZXGD3006E6TA
Diodes Incor-
porated
2
IC4 IC6
BOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com