Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-REF01-HB Datasheet(PDF) 5 Page - Recom International Power

Part # R-REF01-HB
Description  Half-bridge voltage up to 1kV
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF01-HB Datasheet(HTML) 5 Page - Recom International Power

  R-REF01-HB Datasheet HTML 1Page - Recom International Power R-REF01-HB Datasheet HTML 2Page - Recom International Power R-REF01-HB Datasheet HTML 3Page - Recom International Power R-REF01-HB Datasheet HTML 4Page - Recom International Power R-REF01-HB Datasheet HTML 5Page - Recom International Power R-REF01-HB Datasheet HTML 6Page - Recom International Power R-REF01-HB Datasheet HTML 7Page - Recom International Power R-REF01-HB Datasheet HTML 8Page - Recom International Power R-REF01-HB Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Reference Design
P-5
REV.: 0/2017
www.recom-power.com
Specifications (measured @ ta= 25°C, 1.5Vin, full load after warm up unless otherwise stated)
R-REF01-HB
Schematic
Description:
The reference design board requires a single supply voltage with a range of 15-42V.
IC5 creates the regulated 12V supply for IC2 and IC3.
IC2 generates the isolated high-side gate-driver supply voltage. Choose the appropriate DC/DC converter from the selection provided.
IC3 generates the isolated low-side gate-driver supply voltage. Choose the appropriate DC/DC converter from the selection provided.
IC8 creates a +Vcc rail required for the gate driver.
IC1 isolates the control signals and level shifts the TTL input to the gate-drive voltages.
IC7 can be mounted instead of IC1 if reinforced isolation is required.
IC4 and IC5 amplify the maximum gate-drive current to ±10A.
R24 and R25 are not fitted. Zero
Ω resistors can be mounted if IC4 and IC5 are not required (for example GaN transistors).
The input GND1 is galvanically isolated from the high-side GNDA and the low-side GNDB.
For single-ended designs, it is recommended to connect GND1 to Power-GND (CON3) with a star-earth configuration.
For full-bridge configurations, couple GND1 to Power-GND with Y-Capacitors to avoid generating high potentials caused by common mode currents.
R15, R16, R17 and R18 are not fitted. The positions can be used to add dummy loads for the power supplies if needed, for example, under very light load
conditions or low switching frequencies. Alternately R16 and R18 can be used to allow single-output voltage DC/DC converters to be used by connecting -Vout
to the gate-driver ground.
Configuration
R15, R17
R16, R18
Dual Output DC/DC, Normal Load (standard)
Not required
Not required
Dual Output DC/DC, Light Load
12k
Ω
12k
Ω
Single Output DC/DC, Normal Load
Not required
Zero
Ω
Single Output DC/DC, Light Load
12k
Ω
Zero
Ω
R1 and R4 control the turn-on slew rate. 22
Ω is fitted as standard.
R2 and R5 control the turn-off slew rate. 3.3
Ω is fitted as standard.
These 0207 package resistors are made to withstand highly pulsed loads. Gate currents up to 10A are possible.
GNDI
GNDI
GNDI
GNDI
+12V
+5V
GNDI
GNDI
VDDA
VDDB
+5V
+5V
GNDI
GNDB
DRIVER
SOURCE
HS
VDDA
VDDA
DRIVER
SOURCE
HS
+5V
GNDA
+12V
VDDB
GNDI
GNDI
GNDI
+12V
GNDI
GNDI
+5V
GNDB
GNDB
VDDA
GNDA
GNDA
GNDA
VDDB
VDDB
GNDI
+12V
GNDI
GNDI
1
2
3
4
5
6
8
9
10
11
14
15
16
in1
in2
en
out2
out1
VCCI
GND
INA
INB
DISABLE
VCCI
DT
OUTB
VSSB
VDDB
VSSA
OUTA
VDDA
IC7-A
UCC21520
4
IC8-B
1
2
3
4
5
+Vin
-Vin
-Vout
Gnd
+Vout
IC3
R12Pxx
1
2
R2
3R3
0207
1W
R23
10K
0603
100mW
1
2
R11
10K
0603
100mW
1
2
C19
1uF
16V
0603
1
2
R19
0R
0603
100mW
3
4
1
2
5
10
9
11
14
15
16
8
in1
en
VDDB
GNDA
VOA
VDDA
ENABLE
VDDI
GNDI
VIA
VIB
GNDB
VOB
VDD2
IC1
Si8273
1
2
C8
1uF
50V
0603
CON3
62409-1
2
1
D2 PMEG6010
1
in2
U2-A
BNC
1
2
R26
0R
0603
100mW
1
2
R25
0R 0603 100mW
1
2
C18
1uF
25V
0603
2
1
D1
PMEG6010
1
2
out2
R3
2K0
0603
100mW
1
2
R5
3R3
0207
1W
1
2
C14
100nF
50V
0603
1
2
C15
1uF
50V
0603
1
2
3
4
5
+Vin
-Vin
-Vout
Gnd
+Vout
IC2
R12Pxx
1
2
R1
22R
0207
1W
R8
10K
0603
100mW
1
2
3
4
5
D
S
KS
GS
G
T1
1
2
C13
1uF
50V
0603
R9
10K
0603
100mW
R22
10K
0603
100mW
3
2
1
GND
+Vin
+Vout
IC8-A
L78L05
1
2
R24
0R 0603 100mW
1
2
R20
0R
0603
100mW
1
2
3
GND
+Vin
+Vout
IC5 R-78C12-1.0
1
2
C17
2.2nF
50V
0603
LED4
1
U1-A
BNC
1
2
C1
22uF
25V
1210
R10
10K
0603
100mW
1
2
R4
22R
0207
1W
R14
10K
0603
100mW
1
2
3
4
6
IC4
ZXGD3006E6TA
1
2
R21
0R
0603
100mW
LED2
1
2
C9
1uF
50V
0603
1
2
R16
12K
1206
250mW
R18
12K
1206
250mW
1
2
C6
100nF
50V
0603
1
2
C7
1uF
50V
0603
R7
10K
0603
100mW
1
2
R6
2K0
0603
100mW
LED1
1
2
C2
22uF
25V
1210
1
2
CON5
1
2
C3
1uF
50V
0603
1
2
C10
1uF
1kV
CON2
62409-1
1
2
C4
1uF
50V
0603
R15
12K
1206
250mW
R17
12K
1206
250mW
C12
100nF 50V 0603
C11
1uF
50V
0603
1
2
3
4
5
D
S
KS
GS
G
T2
1
2
3
4
6
IC6
ZXGD3006E6TA
1
2
CON4
61300211121
1
2
C16
10uF
50V
1210
2
1
CON1
39-29-0023
LED3
1
2
C5
4.7uF
50V
1206
1
2
FB1
110R 4A 1806
VDDB Supply
5V Supply
12V Supply
VDDA Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com