Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-REF01-HB Datasheet(PDF) 4 Page - Recom International Power

Part # R-REF01-HB
Description  Half-bridge voltage up to 1kV
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF01-HB Datasheet(HTML) 4 Page - Recom International Power

  R-REF01-HB Datasheet HTML 1Page - Recom International Power R-REF01-HB Datasheet HTML 2Page - Recom International Power R-REF01-HB Datasheet HTML 3Page - Recom International Power R-REF01-HB Datasheet HTML 4Page - Recom International Power R-REF01-HB Datasheet HTML 5Page - Recom International Power R-REF01-HB Datasheet HTML 6Page - Recom International Power R-REF01-HB Datasheet HTML 7Page - Recom International Power R-REF01-HB Datasheet HTML 8Page - Recom International Power R-REF01-HB Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Specifications (measured @ ta= 25°C, 1.5Vin, full load after warm up unless otherwise stated)
R-REF01-HB
P-4
REV.: 0/2017
www.recom-power.com
Reference Design
TO247-4L Package
recommended gate-driver
DC/DC
R12P22005D or
R12P21503D
recommended gate-driver
DC/DC
R12P06S
3-Pin
IGBT
(N-type)
SiC MOSFET
(N-type)
GaN HEMT
(normally off)
C
G
G
D
D
S
S
E
C
G
G
E
K
4-Pin
G
D
S
K
K
G
D
S
Important: using three pin or four pin TO247 packages:
TO247-4L packages can be used without any modification of the PCB. The Kelvin source pin is already connected to the gate-driver ground.
TO247-3L packages however require a minor modification to join the gate-driver ground to the source pin ground. This can be
done by soldering 0
Ω resistors across R19 and R20 or by making a solder bridge between the source and Kelvin source pads
(recommended for lowest gate inductance).
T2
T1
High-side Switch
Low-side Switch
NOTE: TRANSISTORS SOLD SEPARATELY
recommended gate-driver
DC/DC:
R12P21509D
TO247-3L Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com