Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE88X2002 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE88X2002
Description  Frequency Multipliers Technical Data Sheet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE88X2002 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE88X2002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Performance by Frequency
Description
Min.
Typ.
Max.
Units
Frequency Range, Input
GHz
Frequency Range, Output
GHz
Output Power
+8
+13
dBm
Fo Isolation (With Respect To Output Level)
30
dBc
Input Return Loss
12
dB
Output Return Loss
8
dB
SSB Phase Noise (100 KHz Offset)
-130
dBc/Hz
Supply Current
70
mA
32 - 46
16 - 23
Mechanical Specifications
Size
Length
1.086 in [27.58 mm]
Width
0.85 in [21.59 mm]
Height
0.28 in [7.11 mm]
Weight
0.088 lbs [39.92 g]
Input Connector
Field Replaceable 2.92mm Female
Output Connector
Field Replaceable 2.92mm Female
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to +150 deg C
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
PE88X2002 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2x Frequency Multiplier Module, 32 GHz to 46 GHz Output Frequency, +8 dBm Output Power,
Field Replaceable 2.92mm PE88X2002
Frequency Multipliers Technical Data Sheet
PE88X2002
2x Frequency Multiplier Module, 32 GHz to 46 GHz Output
Frequency, +8 dBm Output Power, Field Replaceable 2.92mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com