Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE88X2002 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE88X2002
Description  Frequency Multipliers Technical Data Sheet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE88X2002 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE88X2002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Typical Performance Data
Output Power vs.
Temperature @ 3 dBm Drive Level
Output Power vs.
Supply Voltage @ 3 dBm Drive Level
Output Power vs. Drive Level
Output Power vs. Input Power
Isolation @ 3 dBm Drive Level
0
2
4
6
8
10
12
14
16
18
20
30
32
34
36
38
40
42
44
46
48
+25C
+85C
-55C
FREQUENCY (GHz)
0
-5
-10
-15
-20
5
10
15
20
-10
-8
-6
-4
-2
0
2
4
6
8
10
32GHz
39GHz
46GHz
INPUT POWER (dBm)
-30
-20
-10
0
10
20
30
32
34
36
38
40
42
44
46
48
Fo
2Fo
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
30
32
34
36
38
40
42
44
46
48
4.5V
5.0V
5.5V
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
32
34
36
38
40
42
44
46
48
-6 dBm
-4 dBm
-2 dBm
0 dBm
+2 dBm
+4 dBm
+6 dBm
FREQUENCY (GHz)
PE88X2002 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2x Frequency Multiplier Module, 32 GHz to 46 GHz Output Frequency, +8 dBm Output Power,
Field Replaceable 2.92mm PE88X2002
Frequency Multipliers Technical Data Sheet
PE88X2002
2x Frequency Multiplier Module, 32 GHz to 46 GHz Output
Frequency, +8 dBm Output Power, Field Replaceable 2.92mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com