Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE88X2002 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE88X2002
Description  Frequency Multipliers Technical Data Sheet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE88X2002 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE88X2002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE88X2002 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Frequency Multipliers Technical Data Sheet
PE88X2002
2x Frequency Multiplier Module, 32 GHz to 46 GHz Output
Frequency, +8 dBm Output Power, Field Replaceable 2.92mm
-25
-20
-15
-10
-5
0
15
16
17
18
19
20
21
22
23
24
+25C
+85C
-55C
FREQUENCY (GHz)
-20
-15
-10
-5
0
32
34
36
38
40
42
44
46
+25C
+85C
-55C
FREQUENCY (GHz)
Input Return Loss vs.
Temperature @ 0 dBm Drive Level
Output Return Loss vs.
Temperature @ 0 dBm Drive Level
2x Frequency Multiplier Module, 32 GHz to 46 GHz Output Frequency, +8 dBm Output Power, Field Replaceable 2.92mm
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2x Frequency Multiplier Module, 32 GHz to 46 GHz Output Frequency, +8 dBm Output Power,
Field Replaceable 2.92mm PE88X2002
URL: http://www.pasternack.com/2x-frequency-multiplier-module-46-ghz-8-dbm-2.92mm-pe88x2002-p.aspx
PE88X2002 REV 1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com