Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2132 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LPC2132
Description  Single-chip 16/32-bit microcontrollers; 32/64/512 kB ISP/IAP Flash with 10-bit ADC and DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2132 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LPC2132 Datasheet HTML 15Page - NXP Semiconductors LPC2132 Datasheet HTML 16Page - NXP Semiconductors LPC2132 Datasheet HTML 17Page - NXP Semiconductors LPC2132 Datasheet HTML 18Page - NXP Semiconductors LPC2132 Datasheet HTML 19Page - NXP Semiconductors LPC2132 Datasheet HTML 20Page - NXP Semiconductors LPC2132 Datasheet HTML 21Page - NXP Semiconductors LPC2132 Datasheet HTML 22Page - NXP Semiconductors LPC2132 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
9397 750 14868
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 02 — 15 April 2005
19 of 41
Philips Semiconductors
LPC2131/2132/2134/2136/2138
Single-chip 16/32-bit microcontrollers
6.9 Pin function select register 2 (PINSEL2 - 0xE002C014)
The PINSEL2 register controls the functions of the pins as per the settings listed in
Table 8. The direction control bit in the IODIR register is effective only when the GPIO
function is selected for a pin. For other functions direction is controlled automatically.
Settings other than those shown in Table 8 are reserved, and should not be used.
17:16
P0.24
0
0
Reserved
0
0
1
Reserved
1
0
Reserved
1
1
Reserved
19:18
P0.25
0
0
GPIO Port 0.25
0
0
1
AD0.4
1
0
Reserved (LPC2131)
AOUT (DAC) (LPC2132/34/36/38)
1
1
Reserved
21:20
P0.26
0
0
GPIO Port 0.26
0
0
1
AD0.5
1
0
Reserved
1
1
Reserved
23:22
P0.27
0
0
GPIO Port 0.27
0
0
1
AD0.0
1
0
Capture 0.1 (Timer 0)
1
1
Match 0.1 (Timer 0)
25:24
P0.28
0
0
GPIO Port 0.28
0
0
1
AD0.1
1
0
Capture 0.2 (Timer 0)
1
1
Match 0.2 (Timer 0)
27:26
P0.29
0
0
GPIO Port 0.29
0
0
1
AD0.2
1
0
Capture 0.3 (Timer 0)
1
1
Match 0.3 (Timer 0)
29:28
P0.30
0
0
GPIO Port 0.30
0
0
1
AD0.3
1
0
EINT3
1
1
Capture 0.0 (Timer 0)
31:30
P0.31
0
0
GPIO Port
0
0
1
Reserved
1
0
Reserved
1
1
Reserved
Table 7:
Pin function select register 1 (PINSEL1 - 0xE002C004) …continued
PINSEL1
Pin Name
Value
Function
Value after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com