Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2132 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # LPC2132
Description  Single-chip 16/32-bit microcontrollers; 32/64/512 kB ISP/IAP Flash with 10-bit ADC and DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2132 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button LPC2132 Datasheet HTML 26Page - NXP Semiconductors LPC2132 Datasheet HTML 27Page - NXP Semiconductors LPC2132 Datasheet HTML 28Page - NXP Semiconductors LPC2132 Datasheet HTML 29Page - NXP Semiconductors LPC2132 Datasheet HTML 30Page - NXP Semiconductors LPC2132 Datasheet HTML 31Page - NXP Semiconductors LPC2132 Datasheet HTML 32Page - NXP Semiconductors LPC2132 Datasheet HTML 33Page - NXP Semiconductors LPC2132 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
9397 750 14868
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 02 — 15 April 2005
30 of 41
Philips Semiconductors
LPC2131/2132/2134/2136/2138
Single-chip 16/32-bit microcontrollers
8.
Static characteristics
Table 10:
DC characteristics
Ta = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ [1]
Max
Unit
VDD
supply voltage, core and
external rail
3.0
3.3
3.6
V
VDDA
analog 3.3 V pad supply
voltage
2.5
3.3
3.6
V
VBAT
RTC supply voltage
2.0 [2]
3.3
3.6
V
VREF
A/D converter reference
voltage
3.0
3.3
3.6
V
Standard port pins, RESET, RTCK
IIL
LOW-state input current
VI = 0 V; no pull-up
-
-
3
µA
IIH
HIGH-state input current
VI =VDD; no-pull-down
-
-
3
µA
IOZ
3-state output leakage
current
VO =0V, VO =VDD; no
pull-up/down
--
3
µA
Ilatch
I/O latch-up current
−(0.5 VDD) < V < (1.5 VDD)
Tj < 125 °C
-
-
100
mA
VI
input voltage
pin configured to provide a
digital function
[3] [4] [5] 0
-
5.5
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-state input voltage
2.0
-
-
V
VIL
LOW-state input voltage
-
-
0.8
V
Vhys
hysteresis voltage
-
0.4
-
V
VOH
HIGH-state output voltage [6] IOH = −4 mA
VDD − 0.4
-
-
V
VOL
LOW-state output voltage [6]
IOL = −4 mA
-
-
0.4
V
IOH
HIGH-state output current [6] VOH =VDD − 0.4 V
−4-
-
mA
IOL
LOW-state output current [6]
VOL = 0.4 V
4
-
-
mA
IOHS
HIGH-state short circuit
current [7]
VOH =0 V
-
-
−45
mA
IOLS
LOW-state short circuit
current [7]
VOL =VDDA
-
-
50
mA
Ipd
pull-down current
VI =5V [8]
10
50
150
µA
Ipu
pull-up current (applies to
P1.16 to P1.25)
VI =0 V
−15
−50
−85
µA
VDD < VI < 5 V [8]
00
0
µA
IDD
active mode supply current
VDD = 3.3 V, Ta =25 °C,
code
while(1){}
executed from FLASH, no
active peripherals
CCLK = 10 MHz
-
10
-
mA
CCLK = 60 MHz
(other parameters as above)
-40
-
mA
Power-down mode
VDD = 3.3 V, Ta = +25 °C,
-
60
-
µA
VDD = 3.3 V, Ta = +85 °C-
<tbd>
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com