Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2132 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # LPC2132
Description  Single-chip 16/32-bit microcontrollers; 32/64/512 kB ISP/IAP Flash with 10-bit ADC and DAC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2132 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button LPC2132 Datasheet HTML 27Page - NXP Semiconductors LPC2132 Datasheet HTML 28Page - NXP Semiconductors LPC2132 Datasheet HTML 29Page - NXP Semiconductors LPC2132 Datasheet HTML 30Page - NXP Semiconductors LPC2132 Datasheet HTML 31Page - NXP Semiconductors LPC2132 Datasheet HTML 32Page - NXP Semiconductors LPC2132 Datasheet HTML 33Page - NXP Semiconductors LPC2132 Datasheet HTML 34Page - NXP Semiconductors LPC2132 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
9397 750 14868
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 02 — 15 April 2005
31 of 41
Philips Semiconductors
LPC2131/2132/2134/2136/2138
Single-chip 16/32-bit microcontrollers
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (+25 ˚C), nominal supply voltages.
[2]
The RTC typically fails when VBAT drops below 1.6 V.
[3]
Including voltage on outputs in 3-state mode.
[4]
VDD supply voltages must be present.
[5]
3-state outputs go into 3-state mode when VDD is grounded.
[6]
Accounts for 100 mV voltage drop in all supply lines.
IBAT
Power-down mode VBAT
supply current
RTC clock = 32 kHz
(from RTXC pins),
Ta = +25 °C
VDD = 3.0 V, VBAT = 2.5 V
-
14
-
µA
VDD = 3.0 V, VBAT = 3.0 V
-
16
-
µA
VDD = 3.3 V, VBAT = 3.3 V
-
18
-
µA
VDD = 3.6 V, VBAT = 3.6 V
-
20
-
µA
active mode VBAT supply
current
CCLK = 60 MHz,
PCLK = 15 MHz,
PCLK enabled to RTCK,
RTC clock = 32 kHz
(from RTXC pins),
Ta = +25 °C
VDD = 3.0 V, VBAT = 3.0 V
-
78
-
µA
VDD = 3.3 V, VBAT = 3.3 V
-
80
-
µA
VDD = 3.6 V, VBAT = 3.6 V
-
82
-
µA
active mode VBAT supply
current optimized for low
battery consumption
PCLK disabled to RTCK in
the PCONP register,
RTC clock = 32 kHz
(from RTXC pins),
Ta = +25 °C, VBAT = 3.3 V
CCLK = 6 MHz
-
21
-
µA
CCLK = 25 MHz
-
23
-
µA
CCLK = 50 MHz
-
27
-
µA
CCLK = 60 MHz
-
30
-
µA
I2C-bus pins
VIH
HIGH-state input voltage [9]
Vtol is from 4.5 V to 5.5 V
0.7Vtol
--
V
VIL
LOW-state input voltage [9]
Vtol is from 4.5 V to 5.5 V
-
-
0.3Vtol
V
Vhys
hysteresis voltage
Vtol is from 4.5 V to 5.5 V
-
0.5Vtol
-V
VOL
LOW-state output voltage [6]
IOLS = 3 mA
-
-
0.4
V
ILI
input leakage current to VSS VI =VDD
-2
4
µA
VI =5V
-
10
22
µA
Oscillator pins
VXTAL1
XTAL1 input voltages
0
-
1.8
V
VXTAL2
XTAL2 output voltages
0
-
1.8
V
VRTXC1
RTXC1 input voltages
0
-
1.8
V
VRTXC2
RTXC2 output voltages
0
-
1.8
V
Table 10:
DC characteristics …continued
Ta = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ [1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com