Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC862P Datasheet(PDF) 37 Page - Motorola, Inc

Part # MPC862P
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862P Datasheet(HTML) 37 Page - Motorola, Inc

Back Button MPC862P Datasheet HTML 33Page - Motorola, Inc MPC862P Datasheet HTML 34Page - Motorola, Inc MPC862P Datasheet HTML 35Page - Motorola, Inc MPC862P Datasheet HTML 36Page - Motorola, Inc MPC862P Datasheet HTML 37Page - Motorola, Inc MPC862P Datasheet HTML 38Page - Motorola, Inc MPC862P Datasheet HTML 39Page - Motorola, Inc MPC862P Datasheet HTML 40Page - Motorola, Inc MPC862P Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
MOTOROLA
MPC862/857T/857DSL Hardware Specifications
37
Bus Signal Timing
Table 9 shows the PCMCIA timing for the MPC862/857T/857DSL.
Table 9. PCMCIA Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
P44
A(0:31), REG valid to PCMCIA
Strobe asserted. 1 (MIN = 0.75 x
B1 - 2.00)
1 PSST = 1. Otherwise add PSST times cycle time.
PSHT = 0. Otherwise add PSHT times cycle time.
These synchronous timings define when the WAITx signals are detected in order to freeze (or relieve) the PCMCIA
current cycle. The WAITx assertion will be effective only if it is detected 2 cycles before the PSL timer expiration. See
PCMCIA Interface in the MPC862 PowerQUICC User s Manual .
20.70
—
16.70
—
13.00
—
9.40
—
ns
P45
A(0:31), REG valid to ALE
negation.1 (MIN = 1.00 x B1 -
2.00)
28.30
—
23.00
—
18.00
—
13.20
—
ns
P46
CLKOUT to REG valid (MAX =
0.25 x B1 + 8.00)
7.60
15.60
6.30
14.30
5.00
13.00
3.80
11.80
ns
P47
CLKOUT to REG Invalid. (MIN =
0.25 x B1 + 1.00)
8.60
—
7.30
—
6.00
—
4.80
—
ns
P48
CLKOUT to CE1, CE2 asserted.
(MAX = 0.25 x B1 + 8.00)
7.60
15.60
6.30
14.30
5.00
13.00
3.80
11.80
ns
P49
CLKOUT to CE1, CE2 negated.
(MAX = 0.25 x B1 + 8.00)
7.60
15.60
6.30
14.30
5.00
13.00
3.80
11.80
ns
P50
CLKOUT to PCOE, IORD, PCWE,
IOWR assert time. (MAX = 0.00 x
B1 + 11.00)
—
11.00
—
11.00
—
11.00
—
11.00
ns
P51
CLKOUT to PCOE, IORD, PCWE,
IOWR negate time. (MAX = 0.00 x
B1 + 11.00)
2.00
11.00
2.00
11.00
2.00
11.00
2.00
11.00
ns
P52
CLKOUT to ALE assert time
(MAX = 0.25 x B1 + 6.30)
7.60
13.80
6.30
12.50
5.00
11.30
3.80
10.00
ns
P53
CLKOUT to ALE negate time
(MAX = 0.25 x B1 + 8.00)
—
15.60
—
14.30
—
13.00
—
11.80
ns
P54
PCWE, IOWR negated to D(0:31)
invalid.1 (MIN = 0.25 x B1 - 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
P55
WAITA and WAITB valid to
CLKOUT rising edge.1 (MIN =
0.00 x B1 + 8.00)
8.00
—
8.00
—
8.00
—
8.00
—
ns
P56
CLKOUT rising edge to WAITA
and WAITB invalid.1 (MIN = 0.00 x
B1 + 2.00)
2.00
—
2.00
—
2.00
—
2.00
—
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com