Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN790A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN790A
Description  MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN790A Datasheet(HTML) 1 Page - STMicroelectronics

  STN790A Datasheet HTML 1Page - STMicroelectronics STN790A Datasheet HTML 2Page - STMicroelectronics STN790A Datasheet HTML 3Page - STMicroelectronics STN790A Datasheet HTML 4Page - STMicroelectronics STN790A Datasheet HTML 5Page - STMicroelectronics STN790A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STN790A
MEDIUM CURRENT, HIGH PERFORMANCE,
LOW VOLTAGE PNP TRANSISTOR
s
VERY LOW COLLECTOR TO EMITTER
SATURATION VOLTAGE
s
DC CURRENT GAIN, hFE > 100
s
3 A CONTINUOUS COLLECTOR CURRENT
s
60 V BREAKDOWN VOLTAGE (V(BR)CER)
s
SOT-223 PLASTIC PACKAGE FOR
SURFACE MOUNTING CIRCUITS
s
AVAILABLE IN TAPE AND REEL PACKING
APPLICATIONS
s
SWITCHING REGULATOR IN BATTERY
CHARGER APPLICATIONS
s
SUITABLE FOR AUTOMOTIVE
APPLICATIONS (V(BR)CER > 60V)
s
VOLTAGE REGULATION IN BIAS SUPPLY
CIRCUITS
s
HEAVY LOAD DRIVER
DESCRIPTION
The device is manufactured in low voltage PNP
Planar Technology by using a "Base Island"
layout.
The resulting Transistor shows exceptional high
gain
performance
coupled
with
very
low
saturation voltage.
INTERNAL SCHEMATIC DIAGRAM
March 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
-60
V
VCER
Collector-Emitter Voltage (RBE = 47
Ω)
-60
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-3
A
ICM
Collector Peak Current (tp < 5 ms)
-6
A
Ptot
Total Dissipation at Tamb = 25
o C
1.6
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
2
3
SOT-223
Type
Marking
STN790A
N790A
®
1/6


Similar Part No. - STN790A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN790A STMICROELECTRONICS-STN790A Datasheet
199Kb / 10P
Medium Current, High Performance, Low Voltage PNP Transistor
24-Mar-2006
STN790A STMICROELECTRONICS-STN790A Datasheet
183Kb / 9P
Medium current, high performance, low voltage PNP transistor
26-Jun-2008
STN790A STMICROELECTRONICS-STN790A_06 Datasheet
199Kb / 10P
Medium Current, High Performance, Low Voltage PNP Transistor
24-Mar-2006
STN790A STMICROELECTRONICS-STN790A_08 Datasheet
183Kb / 9P
Medium current, high performance, low voltage PNP transistor
26-Jun-2008
More results

Similar Description - STN790A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN749 STMICROELECTRONICS-STN749 Datasheet
124Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STX790A STMICROELECTRONICS-STX790A Datasheet
117Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STD790A STMICROELECTRONICS-STD790A Datasheet
126Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STD790AT4 STMICROELECTRONICS-STD790AT4 Datasheet
203Kb / 10P
Medium Current, High Performance, Low Voltage PNP Transistor
27-Mar-2006
STN790A STMICROELECTRONICS-STN790A_06 Datasheet
199Kb / 10P
Medium Current, High Performance, Low Voltage PNP Transistor
24-Mar-2006
STX790A STMICROELECTRONICS-STX790A_06 Datasheet
218Kb / 11P
Medium Current, High Performance, Low Voltage PNP Transistor
29-Mar-2006
STD790A STMICROELECTRONICS-STD790A_08 Datasheet
168Kb / 9P
Medium current, high performance, low voltage PNP transistor
25-Jun-2008
STN790A STMICROELECTRONICS-STN790A_08 Datasheet
183Kb / 9P
Medium current, high performance, low voltage PNP transistor
26-Jun-2008
STX790A STMICROELECTRONICS-STX790A_08 Datasheet
166Kb / 10P
Medium current, high performance, low voltage PNP transistor
25-Jun-2008
STX790A STMICROELECTRONICS-STX790A_09 Datasheet
181Kb / 10P
Medium current,high performance,low voltage PNP transistor
28-Apr-2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com