Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN790A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STN790A
Description  MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN790A Datasheet(HTML) 2 Page - STMicroelectronics

  STN790A Datasheet HTML 1Page - STMicroelectronics STN790A Datasheet HTML 2Page - STMicroelectronics STN790A Datasheet HTML 3Page - STMicroelectronics STN790A Datasheet HTML 4Page - STMicroelectronics STN790A Datasheet HTML 5Page - STMicroelectronics STN790A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-amb
• Thermal Resistance Junction-Ambient
Max
78
oC/W
• Device mounted on a PCB area of 1 cm2 .
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = -30 V
VCB = -30 V
Tj = 100
oC
-0.1
-10
µA
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = -4 V
-1
µA
V(BR)CER
∗ Collector-Emitter
Breakdown Voltage
(RBE = 47
Ω)
IC = -10 mA
-60
V
V(BR)CBO
Collector-Base
Breakdown Voltage
(IE = 0)
IC = -100
µA
-60
V
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = -100
µA
-5
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = -0.5A
IB = -5mA
IC = -1A
IB = -10mA
IC = -2A
IB = -20mA
IC = -3A
IB = -30mA
IC = -3A
IB = -30mA Tj = 100
o C
-0.15
-0.3
-0.5
-0.7
-0.9
V
V
V
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = -1 A
IB = -10 mA
-0.8
-1.0
V
VBE(on)
Base-Emitter Turn-On
Voltage
IC = -1 A
VCE = -2 V
-0.8
-1
V
hFE
∗
DC Current Gain
IC = -10 mA
VCE = -2 V
IC = -500 mA
VCE = -2 V
IC = -1 A
VCE = -2 V
IC = -2 A
VCE = -1 V
IC = -3 A
VCE = -1V
100
100
100
100
90
200
200
160
130
300
300
fT
Transition Frequency
IC = -50 mA
VCE = -5V f = 50MHz
100
MHz
td
tr
ts
tf
RESISTIVE LOAD
Delay Time
RiseTime
StorageTime
Fall Time
IC = -3 A
IB1 = - IB2 = -60 mA
VCC = -20 V
(see figure 1)
180
160
250
80
220
210
300
100
ns
ns
ns
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1.5 %
STN790A
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com