Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6002 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC6002
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6002 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC6002 Datasheet HTML 1Page - Toshiba Semiconductor TPC6002 Datasheet HTML 2Page - Toshiba Semiconductor TPC6002 Datasheet HTML 3Page - Toshiba Semiconductor TPC6002 Datasheet HTML 4Page - Toshiba Semiconductor TPC6002 Datasheet HTML 5Page - Toshiba Semiconductor TPC6002 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TPC6002
2001-11-07
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6002
Notebook PC Applications
Portable Equipment Applications
· Low drain-source ON resistance: RDS (ON) = 25 mΩ (typ.)
· High forward transfer admittance: |Yfs| = 10 S (typ.)
· Low leakage current: IDSS = 10 µA (max) (VDS = 30 V)
· Enhancement-model: Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kW)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
6
Drain current
Pulse
(Note 1)
IDP
24
A
Drain power dissipation
(t
= 5 s)
(Note 2a)
PD
2.2
W
Drain power dissipation
(t
= 5 s)
(Note 2b)
PD
0.7
W
Single pulse avalanche energy (Note 3)
EAS
5.8
mJ
Avalanche current
IAR
3
A
Repetitive avalanche energy
(Note 4)
EAR
0.22
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55 to 150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
(t
= 5 s)
(Note 2a)
Rth (ch-a)
56.8
°C/W
Thermal resistance, channel to ambient
(t
= 5 s)
(Note 2b)
Rth (ch-a)
178.5
°C/W
Note: (Note 1), (Note 2), (Note 3), (Note 4), (Note 5) Please see next
page.
This transistor is an electrostatically sensitive device. Please handle it
with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3T1A
Weight: 0.011 g (typ.)
Circuit Configuration
6
4
1
2
3
5
Marking (Note 5)
S 2 B


Similar Part No. - TPC6002

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6001 TOSHIBA-TPC6001 Datasheet
200Kb / 7P
Notebook PC Applications Portable Equipment Applications
logo
VBsemi Electronics Co.,...
TPC6001 VBSEMI-TPC6001 Datasheet
480Kb / 9P
N-Channel 30 V (D-S) MOSFET
logo
Toshiba Semiconductor
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
236Kb / 7P
Silicon N Channel MOS Type (U-MOSIII)
logo
VBsemi Electronics Co.,...
TPC6003 VBSEMI-TPC6003 Datasheet
492Kb / 9P
N-Channel 30 V (D-S) MOSFET
More results

Similar Description - TPC6002

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8206 TOSHIBA-TPC8206 Datasheet
223Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3K14T TOSHIBA-SSM3K14T Datasheet
184Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8204 TOSHIBA-TPC8204 Datasheet
342Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3442 TOSHIBA-2SK3442 Datasheet
207Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
TPC6201 TOSHIBA-TPC6201 Datasheet
166Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3441 TOSHIBA-2SK3441 Datasheet
233Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com