Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4984 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS4984
Description  2 x 1W Stereo audio power amplifier with active low standby mode
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS4984 Datasheet HTML 11Page - STMicroelectronics TS4984 Datasheet HTML 12Page - STMicroelectronics TS4984 Datasheet HTML 13Page - STMicroelectronics TS4984 Datasheet HTML 14Page - STMicroelectronics TS4984 Datasheet HTML 15Page - STMicroelectronics TS4984 Datasheet HTML 16Page - STMicroelectronics TS4984 Datasheet HTML 17Page - STMicroelectronics TS4984 Datasheet HTML 18Page - STMicroelectronics TS4984 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Electrical characteristics
TS4984
15/29
Figure 50: THD+N vs. frequency
Figure 51: THD+N vs. frequency
Figure 52: THD+N vs. frequency
Figure 53: SIgnal to noise ratio vs. power supply
with unweighted filter (20Hz to 20kHz)
Figure 54: SIgnal to noise ratio vs. pwr supply
with unweighted filter (20Hz to 20kHz)
Figure 55: SIgnal to noise ratio vs. power
supply with A weighted filter
100
1000
10000
0.01
0.1
Vcc=2.2V, Po=40mW
Vcc=5V, Po=1W
RL=4
Ω
Av=2
Cb = 1
µF
Bw < 125kHz
Tamb = 25
°C
20k
20
Frequency (Hz)
100
1000
10000
0.01
0.1
Vcc=2.2V, Po=70mW
Vcc=5V, Po=O.8W
RL=8
Ω
Av=2
Cb = 1
µF
Bw < 125kHz
Tamb = 25
°C
20k
20
Frequency (Hz)
100
1000
10000
0.01
0.1
Vcc=2.2V, Po=70mW
Vcc=5V, Po=O.5W
RL=16
Ω
Av=2
Cb = 1
µF
Bw < 125kHz
Tamb = 25
°C
20k
20
Frequency (Hz)
2.5
3.0
3.5
4.0
4.5
5.0
85
90
95
100
Power Supply Voltage (V)
Av = 2
Cb = 1
µF
THD+N < 0.7%
Tamb = 25
°C
RL=16
Ω
RL=4
Ω
RL=8
Ω
2.5
3.0
3.5
4.0
4.5
5.0
70
75
80
85
RL=16
Ω
Av = 10
Cb = 1
µF
THD+N < 0.7%
Tamb = 25
°C
RL=4
Ω
RL=8
Ω
Power Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
90
95
100
105
RL=8
Ω
RL=16
Ω
Av = 2
Cb = 1
µF
THD+N < 0.7%
Tamb = 25
°C
RL=4
Ω
Power Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com