Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4984 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS4984
Description  2 x 1W Stereo audio power amplifier with active low standby mode
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS4984 Datasheet HTML 21Page - STMicroelectronics TS4984 Datasheet HTML 22Page - STMicroelectronics TS4984 Datasheet HTML 23Page - STMicroelectronics TS4984 Datasheet HTML 24Page - STMicroelectronics TS4984 Datasheet HTML 25Page - STMicroelectronics TS4984 Datasheet HTML 26Page - STMicroelectronics TS4984 Datasheet HTML 27Page - STMicroelectronics TS4984 Datasheet HTML 28Page - STMicroelectronics TS4984 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
TS4984
Application Information
26/29
4.10 Demoboard
A demoboard for the TS4984 is available.
For more information about this demoboard, please refer to Application Note AN2049, which can be
found on www.st.com.
Figure 70 shows the schematic of the demoboard. Figure 71, Figure 72 and Figure 73 show the
component locations, top layer and bottom layer respectively.
Figure 70: Demoboard schematic
1
2
12
16
15
Bias
3
AV = -1
Bypass L
Standby
+
-
+
-
AV = -1
+
-
+
-
10
9
8
7
11
Bypass R
VO-L
VO+L
VO-R
VO+R
IN-L
IN+L
IN+R
IN-R
U1
*
VCC
Cn1
C7
1u
C9
100nF
Vcc
GND
1
2
3
Cn8
VCC
Cn4
Cn7
R2
R3
C2
C3
Cn2
Cn3
Neg. Input L
GND
Pos. Input L
GND
Jumper J1
R6
R5
C5
C4
Cn6
Cn5
Neg. Input R
GND
Pos. Input R
GND
C1
R1
C6
R8
R4
R7
C8
1u
Neg. Output L
Pos. Output L
Neg. Output R
Pos. Output R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com