Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V850E/ME2 Datasheet(PDF) 18 Page - NEC

Part # V850E/ME2
Description  32-Bit Microprocessor Core
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V850E/ME2 Datasheet(HTML) 18 Page - NEC

Back Button V850E/ME2 Datasheet HTML 14Page - NEC V850E/ME2 Datasheet HTML 15Page - NEC V850E/ME2 Datasheet HTML 16Page - NEC V850E/ME2 Datasheet HTML 17Page - NEC V850E/ME2 Datasheet HTML 18Page - NEC V850E/ME2 Datasheet HTML 19Page - NEC V850E/ME2 Datasheet HTML 20Page - NEC V850E/ME2 Datasheet HTML 21Page - NEC V850E/ME2 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 226 page
background image
CHAPTER 2 REGISTER SET
User’s Manual U14559EJ3V1UM
18
2.2 System Registers
The system registers control the CPU status and hold information on interrupts.
System registers can be read or written by specifying the relevant system register number from the following list
using a system register load/store instruction (LDSR or STSR instruction).
Table 2-2. System Register Numbers
Operand Specifiability
Register
No.
Register Name
LDSR
Instruction
STSR
Instruction
0
Interrupt status saving register (EIPC)
1
Interrupt status saving register (EIPSW)
2
NMI status saving register (FEPC)
3
NMI status saving register (FEPSW)
4
Exception cause register (ECR)
×
5
Program status word (PSW)
6 to 15
(Numbers reserved for future function expansion (operation cannot be guaranteed if
accessed))
×
×
16
CALLT caller status saving register (CTPC)
17
CALLT caller status saving register (CTPSW)
18
Exception/debug trap status saving register (DBPC)
Note 1
19
Exception/debug trap status saving register (DBPSW)
Note 1
20
CALLT base pointer (CTBP)
21
Debug interface register (DIR)
Note 1
22
Breakpoint control registers 0 and 1 (BPC0, BPC1)
Note 2
Note 1
Note 1
23
Program ID register (ASID)
24
Breakpoint address setting registers 0 and 1 (BPAV0, BPAV1)
Note 2
Note 1
Note 1
25
Breakpoint address mask registers 0 and 1 (BPAM0, BPAM1)
Note 2
Note 1
Note 1
26
Breakpoint data setting registers 0 and 1 (BPDV0, BPDV1)
Note 2
Note 1
Note 1
27
Breakpoint data mask registers 0 and 1 (BPDM0, BPDM1)
Note 2
Note 1
Note 1
28 to 31
(Numbers reserved for future function expansion (operation cannot be guaranteed if
accessed))
×
×
Notes 1.
These registers can be accessed only in the debug mode of type A and B products. Accessing these
registers in other product types is prohibited. If they are accessed, the operation is not guaranteed.
2.
The actual register to be accessed is specified by the DIR.CS bit.
Caution When returning using the RETI instruction after setting bit 0 of EIPC, FEPC, or CTPC to 1 using
the LDSR instruction and servicing an interrupt, the value of bit 0 is ignored (because bit 0 of the
PC is fixed to 0). Therefore, be sure to set an even number (bit 0 = 0) when setting a value to
EIPC, FEPC, or CTPC.
Remark
O: Accessible
×: Inaccessible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com