Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V850E/ME2 Datasheet(PDF) 70 Page - NEC

Part # V850E/ME2
Description  32-Bit Microprocessor Core
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V850E/ME2 Datasheet(HTML) 70 Page - NEC

Back Button V850E/ME2 Datasheet HTML 66Page - NEC V850E/ME2 Datasheet HTML 67Page - NEC V850E/ME2 Datasheet HTML 68Page - NEC V850E/ME2 Datasheet HTML 69Page - NEC V850E/ME2 Datasheet HTML 70Page - NEC V850E/ME2 Datasheet HTML 71Page - NEC V850E/ME2 Datasheet HTML 72Page - NEC V850E/ME2 Datasheet HTML 73Page - NEC V850E/ME2 Datasheet HTML 74Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 226 page
background image
CHAPTER 5 INSTRUCTIONS
User’s Manual U14559EJ3V1UM
70
Flag
CY
–
OV
–
S
–
Z
–
SAT
–
Explanation
(1) Adds the data of 5-bit immediate imm5, logically shifted left by 2 and zero-extended to
word length, to sp. Then pops (loads data from the address specified by sp and adds 4 to
sp) the general-purpose registers listed in list12. Bit 0 of the address is masked by 0.
(2) Adds the data of 5-bit immediate imm5, logically shifted left by 2 and zero-extended to
word length, to sp. Then pops (loads data from the address specified by sp and adds 4 to
sp) the general-purpose registers listed in list12, transfers control to the address specified
by general-purpose register reg1. Bit 0 of the address is masked by 0.
Remark
The general-purpose registers in list12 are loaded in the downward direction (r31, r30, ... r20).
The 5-bit immediate imm5 is used to restore a stack frame for auto variables and temporary
data.
The lower 2 bits of the address specified by sp are always masked by 0 even if misaligned
access is enabled.
If an interrupt occurs before updating sp, execution is aborted, and the interrupt is serviced.
Upon returning from the interrupt, the execution is restarted from the beginning, with the return
address being the address of this instruction (sp will retain its original value prior to the start of
execution).
Caution
If an interrupt is generated during instruction execution, due to manipulation of the stack, the
execution of that instruction may stop after the read/write cycle and register value rewriting are
complete. Execution is resumed after returning from the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com