Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V850E/ME2 Datasheet(PDF) 35 Page - NEC

Part # V850E/ME2
Description  32-Bit Microprocessor Core
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V850E/ME2 Datasheet(HTML) 35 Page - NEC

Back Button V850E/ME2 Datasheet HTML 31Page - NEC V850E/ME2 Datasheet HTML 32Page - NEC V850E/ME2 Datasheet HTML 33Page - NEC V850E/ME2 Datasheet HTML 34Page - NEC V850E/ME2 Datasheet HTML 35Page - NEC V850E/ME2 Datasheet HTML 36Page - NEC V850E/ME2 Datasheet HTML 37Page - NEC V850E/ME2 Datasheet HTML 38Page - NEC V850E/ME2 Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 226 page
background image
CHAPTER 3 DATA TYPES
User’s Manual U14559EJ3V1UM
35
3.2 Data Representation
3.2.1 Integer
An integer is expressed as a binary number of 2’s complement and is 32, 16, or 8 bits long. Regardless of its
length, bit 0 of an integer is the least significant bit. The higher the bit number, the more significant the bit. Because
2’s complement is used, the most significant bit is used as a sign bit.
The integer range of each data length is as follows.
• Word (32 bits):
–2,147,483,648 to +2,147,483,647
• Halfword (16 bits):
–32,768 to +32,767
• Byte (8 bits):
–128 to +127
3.2.2 Unsigned integer
While an integer is data that can take either a positive or a negative value, an unsigned integer is an integer that is
not negative. Like an integer, an unsigned integer is also expressed as 2’s complement and is 32, 16, or 8 bits long.
Regardless of its length, bit 0 of an unsigned integer is the least significant bit, and the higher the bit number, the more
significant the bit. However, no sign bit is used.
The unsigned integer range of each data length is as follows.
• Word (32 bits):
0 to 4,294,967,295
• Halfword (16 bits):
0 to 65,535
• Byte (8 bits):
0 to 255
3.2.3 Bit
1-bit data that can take a value of 0 (cleared) or 1 (set) can be handled as bit data. Bit manipulation can be
performed only on 1-byte data in the memory space in the following four ways.
• SET1
• CLR1
• NOT1
• TST1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com