Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD12400/KIT Datasheet(PDF) 7 Page - Analog Devices

Part # AD12400/KIT
Description  12-Bit 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12400/KIT Datasheet(HTML) 7 Page - Analog Devices

Back Button AD12400/KIT Datasheet HTML 3Page - Analog Devices AD12400/KIT Datasheet HTML 4Page - Analog Devices AD12400/KIT Datasheet HTML 5Page - Analog Devices AD12400/KIT Datasheet HTML 6Page - Analog Devices AD12400/KIT Datasheet HTML 7Page - Analog Devices AD12400/KIT Datasheet HTML 8Page - Analog Devices AD12400/KIT Datasheet HTML 9Page - Analog Devices AD12400/KIT Datasheet HTML 10Page - Analog Devices AD12400/KIT Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD12400
Rev. 0 | Page 7 of 28
Table 4. Output Coding (Twos Complement)
Code
AIN (V)
Digital Output
4095
+1.6
0111 1111 1111
.
.
.
.
.
.
.
.
.
2048
0
0000 0000 0000
2047
−0.000781
1111 1111 1111
.
.
.
.
.
.
0
−1.6
1000 0000 0000
Table 5. Option Pin List With Necessary Associated Circuitry
Pin Name
Active
High or
Low
Logic
Level
Type
Default
Level
Associated
Circuitry
Within Part
RESET
Low
LVTTL
High
3.74 kΩ Pull-Up
LEAD/LAG
Low
LVTTL
Low
10 kΩ − 60 kΩ
Pull-Down
ENCODE
100
Ω
ENCODE
100
Ω
100
Ω
100
Ω
3.3V
3.3V
PECL
DRIVER
Figure 2. Encode Equivalent Circuit
ENCODE
400MHZ
DRA
DRB
DRB
DRA
DATA OUT B
LEAD LAG
DATA OUT A
*DATA LOST DUE TO ASSERTION OF LEAD/LAG. LATENCY OF 40 ENCODE CLOCK CYCLES BEFORE DATA VALID.
N – 40
N– 1
N – 39
N
N
N + 2
N + 1
N + 1
N + 2
N + 3
N + 3
N + 5
N + 7
N + 4
N + 6
N + 8
1/fS
tEL
tEH
*
*
40 CLOCK CYCLES
NOTES:
1 IF A SINGLE-ENDED SINEWAVE IS USED FOR ENCODE, USE THE "ZERO CROSSING" POINT (AC-COUPLED) AS THE 50%
POINT AND APPLY THE SAME TIMING INFORMATION.
2 THE LEAD/LAG PIN IS USED TO SYNCHRONIZE THE COLLECTION OF DATA INTO EXTERNAL BUFFER MEMORIES. THE
LEAD/LAG PIN CAN BE APPLIED SYNCHRONOUSLY OR ASYNCHRONOUSLY TO THE AD12400. IF APPLIED
ASYNCHRONOUSLY, LEAD/LAG MUST BE HELD HIGH FOR A MINIMUM OF 5ns TO ENSURE CORRECT OPERATION. THE
FUNCTION WILL SHUT OFF DRA AND DRB UNTIL THE LEAD/LAG PIN IS RELEASED. DRA AND DRB WILL RESUME ON THE
NEXT VALID DRA AFTER LEAD/LAG IS RELEASED.
Figure 3. Timing Diagram
tPD
tV
ENC
DATA OUT
DR
ENC
DR
Figure 4. Highlighted Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com