Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD12400/KIT Datasheet(PDF) 19 Page - Analog Devices

Part # AD12400/KIT
Description  12-Bit 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12400/KIT Datasheet(HTML) 19 Page - Analog Devices

Back Button AD12400/KIT Datasheet HTML 15Page - Analog Devices AD12400/KIT Datasheet HTML 16Page - Analog Devices AD12400/KIT Datasheet HTML 17Page - Analog Devices AD12400/KIT Datasheet HTML 18Page - Analog Devices AD12400/KIT Datasheet HTML 19Page - Analog Devices AD12400/KIT Datasheet HTML 20Page - Analog Devices AD12400/KIT Datasheet HTML 21Page - Analog Devices AD12400/KIT Datasheet HTML 22Page - Analog Devices AD12400/KIT Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD12400
Rev. 0 | Page 19 of 28
AD12400 EVALUATION KIT
The AD12400/KIT offers an easy way to evaluate the AD12400.
The AD12400/KIT includes the AD12400KWS mounted on an
adapter card, the AD12400 evaluation board, the power supply
cables, a 225 MHz Buffer Memory FIFO board, and the Dual
Analyzer software. The user must supply a clock source, an
analog input source, a 1.5 V power supply, a 3.3 V power supply,
a 5 V power supply, and a 3.8 V power supply. The clock source
and analog input source connect directly to the AD12400KWS.
The power supply cables (included) and a parallel port cable
(not included) connect to the evaluation board.
Power Connector
Power is supplied to the board via a detachable 12-lead power
strip (three 4 pin blocks).
Table 8. Power Connector
VA 3.8 V
Analog supply for the ADC (950 mA typical)
VC 3.3 V
Digital supply for the ADC outputs (200 mA
typical)
VD 1.5 V*
Digital supply for the FPGA (2.5 A max, 1.4 A
typical)
VB 5.0 V
Digital supply for the Buffer memory board
(400 mA typical)
*The power supply cable has approximately 100 mV drop.
The VD supply current is dependent upon the analog input
frequency. Refer to Figure 17.
Analog Input
The analog input source connects directly to an SMA on the
AD12400KWS.
Encode
The single-ended or differential encode signal connects directly
to SMA connector(s) on the AD12400KWS. A single-ended
sine wave at 10 dBm connected to the Encode SMA is recom-
mended. A low jitter clock source is recommended (<0.5 ps) to
properly evaluate the AD12400.
Data Outputs
The AD12400KWS digital outputs are available at the 80-pin
connector, P2, on the evaluation board. The AD12400/KIT
comes with a Buffer Memory FIFO board connected to P2
that provides the interface to the parallel port of a PC. The
Dual Analyzer software is compatible with Windows® 95,
Windows® 98, Windows® 2000, and Windows NT®.
The Buffer Memory FIFO board can be removed and an
external logic analyzer, or other data acquisition module, can be
connected to this connector if required.
Adapter Card
The AD12400KWS is attached to an adapter card that interfaces
to the evaluation board through a 120-pin connector, P1, which
is on the top side of the evaluation board.
Digital Post Processing Control
The AD12400 has a two-pin jumper labeled AFB that allows the
user to enable/disable the digital post processing. The digital
post processing is active when the AFB jumper is applied. When
the jumper is removed, the FPGA is set to a pass through mode,
which will demonstrate to the user the performance of the
AD12400 without the digital post processing.
RESET
The AD12400KWS’s FPGA configuration is stored in an
EEPROM and loaded into the FPGA when power is applied to
the AD12400. The RESET switch, SW1 (active low), allows the
user to reload the FPGA in case of a low voltage condition or a
power supply glitch. Depressing the RESET switch will pull the
data ready and output bits high. The RESET switch should
remain low for a minimum of 200 ns. On the rising edge of the
RESET pulse, the AD12400 will start loading the configuration
into the on-module FPGA. The reload process requires a
maximum of 600 ms to complete. Valid signals on the data-
ready pins indicate that the reset process is complete.
The AD12400 is not compatible with the HSC-ADC-EVAL-
DC/SC hardware or software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com