Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD12400/KIT Datasheet(PDF) 12 Page - Analog Devices

Part # AD12400/KIT
Description  12-Bit 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12400/KIT Datasheet(HTML) 12 Page - Analog Devices

Back Button AD12400/KIT Datasheet HTML 8Page - Analog Devices AD12400/KIT Datasheet HTML 9Page - Analog Devices AD12400/KIT Datasheet HTML 10Page - Analog Devices AD12400/KIT Datasheet HTML 11Page - Analog Devices AD12400/KIT Datasheet HTML 12Page - Analog Devices AD12400/KIT Datasheet HTML 13Page - Analog Devices AD12400/KIT Datasheet HTML 14Page - Analog Devices AD12400/KIT Datasheet HTML 15Page - Analog Devices AD12400/KIT Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD12400
Rev. 0 | Page 12 of 28
Offset Error
The DC offset imposed on the input signal by the ADC,
reported in LSB (codes).
Pipeline Latency
The number of clock cycles that the output data will lag the
corresponding clock cycle.
Power Supply Rejection Ratio
The ratio of power supply voltage change to the resulting ADC
output voltage change.
Signal-to-Noise-and-Distortion (SINAD)
The ratio of the RMS signal amplitude (set 1 dB below full
scale) to the RMS value of the sum of all other spectral
components, including harmonics but excluding DC and image
spur.
Signal-to-Noise Ratio (SNR)
The ratio of the RMS signal amplitude (set at 1 dB below full
scale) to the RMS value of the sum of all other spectral
components, excluding the first five harmonics and DC.
Spurious-Free Dynamic Range (SFDR)
The ratio of the RMS signal amplitude to the RMS value of the
peak spurious spectral component, except the image spur. The
peak spurious component may or may not be a harmonic. May
be reported in dBc (i.e., degrades as signal level is lowered) or
dBFS (always related back to converter full-scale).
Two-Tone Intermodulation Distortion Rejection
The ratio of the RMS value of either input tone to the RMS
value of the worst third-order intermodulation product;
reported in dBc.
Two-Tone SFDR
The ratio of the RMS value of either input tone to the RMS
value of the peak spurious component. The peak spurious
component may or may not be an IMD product. May be
reported in dBc (i.e., degrades as signal level is lowered) or in
dBFS (always related back to converter full-scale).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com