Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29F002 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # EN29F002
Description  2 Megabit (256K x 8-bit) Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F002 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button EN29F002 Datasheet HTML 16Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 17Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 18Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 19Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 20Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 21Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 22Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 23Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
20
EN29F002 / EN29F002N
Rev. C, Issue Date: 2001/07/05
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . –65°C to +125°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –55°C to +125°C
Voltage with Respect to Ground
VCC (Note 1) . . . . . . . . . . . . . . . . . . . . –0.5 V to 7.0 V
A9, OE# (Note 2) . . . . . . . . . . . . . . . –0.5 V to 11.5 V
All other pins (Note 1) . . . . . . . . . . . . –0.5 V to Vcc+0.5V
Output Short Circuit Current (Note 3) . . . . . . . . . 200 mA
Notes:
1.
Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions, inputs may undershoot
VSS to –1.0V for periods of up to 50 ns and to –2.0 V for periods of up to 20 ns. See Left Figure below.
Maximum DC voltage on input and I/O pins is V CC + 0.5 V. During voltage transitions, input and I/O
pins may overshoot to VCC + 2.0 V for periods up to 20 ns. See Right Figure below.
2.
Minimum DC input voltage on A9 pin is –0.5 V. During voltage transitions, A9 and OE# may
undershoot VSS to –1.0V for periods of up to 50 ns and to –2.0 V for periods of up to 20 ns. See Left
Figure. Maximum DC input voltage on A9 and OE# is 11.5 V which may overshoot to 12.5 V for
periods up to 20 ns.
3.
No more than one output shorted to ground at a time. Duration of the short circuit should not be
greater than one second. Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the operational sections of this specification is
not implied. Exposure of the device to absolute maximum rating conditions for extended periods may
affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (T A ) . . . . . . . . . . . 0°C to +70°C
Industrial (I) Devices
Ambient Temperature (T A ). . . . . . . . . . -40°C to +85°C
VCC Supply Voltages
VCC for ± 5% devices . . . . . . . . . . . . +4.75 V to +5.25 V
VCC for ± 10% devices . . . . . . . . . . . +4.50 V to +5.50 V
Operating ranges define those limits between which the
functionality of the device is guaranteed.
Maximum Negative Overshoot
Maximum Positive Overshoot
Waveform
Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com