Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29F002 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # EN29F002
Description  2 Megabit (256K x 8-bit) Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F002 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button EN29F002 Datasheet HTML 24Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 25Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 26Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 27Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 28Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 29Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 30Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 31Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 32Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
31
EN29F002 / EN29F002N
Rev. C, Issue Date: 2001/07/05
ORDERING INFORMATION
EN29F002 T
- 45
P
I
TEMPERATURE RANGE
(Blank) = Commercial (0°C to +70°C)
I = Industrial (-40°C to +85°C)
PACKAGE
P = 32 Plastic DIP
J = 32 Plastic PLCC
T = 32 Plastic TSOP
SPEED
45 = 45ns
55 = 55ns
70 = 70ns
90 = 90ns
BOOT BLOCK ARCHITECTURE
T = Top Block
B = Bottom Block
BASE PART NUMBER
EN = EON Silicon Devices
29F = FLASH, 5V
002 = 256K x 8
(Blank) = with RESET function
N = without RESET function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com