Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29F002 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EN29F002
Description  2 Megabit (256K x 8-bit) Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F002 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EN29F002 Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 9Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 10Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 11Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 12Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 13Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 14Page - List of Unclassifed Manufacturers EN29F002 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
11
EN29F002 / EN29F002N
Rev. C, Issue Date: 2001/07/05
The flowchart for the Toggle Bit (DQ6) is shown in Flowchart 6. The Toggle Bit timing diagram is
shown in Figure 9.
DQ5
Exceeded Timing Limits
DQ5 will indicate if the program or erase time has exceeded the specified limits (internal pulse
count).
Under these conditions DQ5 will produce a “1”.
(The Toggle Bit (DQ6) should also be
checked at this time to make sure that the DQ5 is not a “1” due to the device having returned to read
mode.) This is a failure condition which indicates that the program or erase cycle was not
successfully completed. DATA Polling (DQ7), Toggle Bit (DQ6) and Erase Toggle Bit (DQ2) still
function under this condition. Setting the CE to VIH will partially power down the device under those
conditions. The OE and WE pins will control the output disable functions as described in Table 3.
The DQ5 failure condition will also appear if the user tries to program a “1” to a location that was
previously programmed to a “0”. In this case, the device goes into Hang or Error mode out and never
completes the Embedded Program Algorithm. Hence, the system never reads valid data on DQ7
and DQ6 never stops toggling. Once the device exceeds the timing limits, DQ5 will indicate a “1”.
Please note that this is not a device failure condition since the device was used incorrectly. If timing
limits are exceeded, reset the device. (See Table 6)
DQ3
Sector Erase Command Timeout
This device does not support multiple sector erase commands. DQ3 will go high immediately after
the first 30h command (the sixth write cycle). Any extra 30h commands will be ignored (or taken as a
resume command if erase suspended).
DQ2
Erase Toggle Bit II
In the sector erase operation, DQ2 will toggle with OE or CE when a read is attempted within the
sector that is being erased.
DQ2 will not toggle if the read address is not within the sector that is
selected to be erased.
In the chip erase operation, however, DQ2 will toggle with OE or CE
regardless of the address given by the user. This is because all sectors are to be erased. (See Table
6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com