Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4259A Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4259A
Description  Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4259A Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4259A Datasheet HTML 14Page - Linear Technology LTC4259A Datasheet HTML 15Page - Linear Technology LTC4259A Datasheet HTML 16Page - Linear Technology LTC4259A Datasheet HTML 17Page - Linear Technology LTC4259A Datasheet HTML 18Page - Linear Technology LTC4259A Datasheet HTML 19Page - Linear Technology LTC4259A Datasheet HTML 20Page - Linear Technology LTC4259A Datasheet HTML 21Page - Linear Technology LTC4259A Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC4259A
18
4259Af
APPLICATIO S I FOR ATIO
Foldback
Foldback is designed to limit power dissipation in the
MOSFET during power-up and momentary short-circuit
conditions. At low port output voltages, the voltage across
the MOSFET is high, and power dissipation will be large if
significant current is flowing. Foldback monitors the port
output voltage and reduces the VLIM current limit level
linearly from its full value (212.5mV typ) at a port voltage
of 18V to approximately 1/7th of the full value (30mV typ)
at a port voltage of 0V. With 0.5
Ω sense resistors, this
limits the short-circuit current to 60mA (typ) instead of the
full 425mA (typ) current limit. When the LTC4259A is in
foldback, the tICUT timer is active.
Short-Circuit Protection
If a port is suddenly shorted out, the MOSFET power
dissipation can rise to very high levels, jeopardizing the
MOSFET even before the normal current limit circuit can
respond. A separate short-circuit current limit circuit
watches for significant overcurrent events (VSENSE
>275mV, >550mA with a 0.5
Ω sense resistor) and pulls
the GATE pin down immediately if such an event occurs,
shutting off the MOSFET in less than 1
µs (with no external
capacitor on GATE). Approximately 100
µs later, GATE is
allowed to rise back up and the normal current limit circuit
will take over, allowing ILIM current to flow and causing the
tICUT timer to count up. During a short circuit, ILIM will be
reduced by the foldback feature to 1/7th of the nominal
value.
Choosing External MOSFETs
Power delivery to the ports is regulated with external
power MOSFETs. These MOSFETs are controlled as previ-
ously described to meet the IEEE 802.3af specification.
Under normal operation, once the port is powered and the
PD’s bypass capacitor is charged to the port voltage, the
external MOSFET dissipates very little power. This sug-
gests that a small MOSFET is adequate for the job. Unfor-
tunately, other requirements of the IEEE 802.3af mandate
a MOSFET capable of dissipating significant power. When
the port is being powered up, the port voltage must reach
30V or more before the PD turns on. The port voltage can
then drop to 0V as the PD’s bypass capacitor is charged.
According to the IEEE, the PD can directly connect a 180
µF
capacitor to the port and the PSE must charge that
capacitor with a current limit of 400mA to 450mA for at
least 50ms.
An even more extreme example is a noncompliant PD that
provides the proper signature during detection but then
behaves like a low valued resistor, say 50
Ω,inparallelwith
a 1
µF capacitor. When the PSE has charged this
noncompliant PD up to 20V, the 50
Ω resistor will draw
400mA (the minimum IEEE prescribed ILIM current limit)
keeping the port voltage at 20V for the remainder of tSTART.
The external MOSFET sees 24V to 37V VDS at 400mA to
450mA, dissipating 9.6W to 16.7W for 60ms (typ).
The LTC4259A implements foldback to reduce the current
limit when the MOSFET VDS is high; see the Foldback
section. Without foldback, the MOSFET could see as much
as 25.7W for 60ms (typ) when powering a shorted or a
noncompliant PD with only a few ohms of resistance. With
foldback, the MOSFET sees a maximum of 18W for the
duration of tSTART.
The LTC4259A’s duty cycle protection enforces 15 times
longer off time than on time, preventing successive at-
tempts to power a defective PD from damaging the
MOSFET. System software can enforce even longer wait
times. When the LTC4259A is operated in semiauto or
manual mode—described in more detail under Operating
Modes—it will not power on a port until commanded to do
so by the host controller. By keeping track of tSTART and
tICUT faults, the host controller can delay turning on the
port again after one of these faults even if the LTC4259A
reports a Detect Good. In this way the host controller
implements a MOSFET cooling off period which may be
programmed to protect smaller MOSFETs from repeated
thermal cycling. The LTC4259A has built-in duty cycle
protection for tICUT and tSTART (see tICUT Timing and tSTART
Timing sections) that is sufficient to protect the MOSFETs
shown in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com