Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4259A Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4259A
Description  Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4259A Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4259A Datasheet HTML 18Page - Linear Technology LTC4259A Datasheet HTML 19Page - Linear Technology LTC4259A Datasheet HTML 20Page - Linear Technology LTC4259A Datasheet HTML 21Page - Linear Technology LTC4259A Datasheet HTML 22Page - Linear Technology LTC4259A Datasheet HTML 23Page - Linear Technology LTC4259A Datasheet HTML 24Page - Linear Technology LTC4259A Datasheet HTML 25Page - Linear Technology LTC4259A Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC4259A
22
4259Af
OSCIN Input and Oscillator Requirements
AC disconnect depends on an external oscillator source
applied to the OSCIN pin. The LTC4259A measures port
impedance by applying an amplified version of the OSCIN
signal to the port’s DETECT pin (see Figure 16). The
oscillator should be well-controlled because errors in this
signal become errors in the measured port impedance. As
shown in Figure 17, the load being sensed by AC discon-
nect has a resistive and a large reactive component.
Current through the PD’s signature resistor depends on
the amplitude of the AC signal while current into the
capacitors depends on the slew rated: I = C • dV/dt.
Consequently, the LTC4259A is sensitive to the amplitude
and slew rate of the OSCIN signal, but is more tolerant of
frequency and offset errors. Internal limits prevent the
LTC4259A from being adversely affected by OSCIN sig-
nals with excessive amplitude.
There are many ways to build oscillators with controlled
amplitudes and slew rates, especially since the frequency
of the oscillator does not have to be well-controlled.
Contact the LTC Applications department for oscillator
circuits.
As alluded to previously, AC disconnect is complicated
and redesigning for different component sizes is a difficult
task. For optimum performance, use the recommended
component values and drive OSCIN with a 100Hz 2VP-P,
1.2V offset sine wave. Keep in mind that the IEEE 802.3af
specification places upper limits of 100V/ms on the slew
rate and 500Hz on the frequency of the AC signal at the
port. Voltage gain, AVACD, from OSCIN to DETECTn in-
creases the slew rate by the voltage gain. Since AVACD has
a maximum absolute value of 3.3V/V (
±3V typ), the slew
rate at the OSCIN pin must be less than 30V/ms. A slew
rate around 0.6V/ms at OSCIN will work with the recom-
mended values of CDET, RDET and CPSE.
The LTC4259A’s OSCIN input amplifier will accept signals
between DGND – 0.3V and VDD + 0.5V. This amplifier has
a gain of –1 and is referenced to 1.2V above DGND. An
OSCIN voltage greater than 2.2V will cause the amplifier’s
output to clip against DGND. Clipping will not affect the
performance of AC disconnect until the clipping becomes
so severe that even the midrange (where the controlled
slew rate occurs) of the signal is clipped. Keep the midrange
or average voltage of the OSCIN signal between 0.9V and
1.5V to avoid severe clipping. OSCIN signals below DGND
can interact with the ESD protection circuitry on the pin
and are not recommended. Also, meeting the IEEE 802.3af
specification for maximum AC amplitude on the port just
after the PD is removed depends on the OSCIN input peak-
to-peak amplitude. Clipping by LTC4259A’s OSCIN input
circuitry will generally ensure that this specification is not
exceeded. Note that under normal operation, the AC dis-
connect output on the DETECT
n pin will have an amplitude
near 6V peak-to-peak. The combination of RDET, CDET and
CPSE attenuate the signal so roughly half this amplitude is
seen at the port when the port is powered and the PD has
just been removed. When the PD is still connected there
will be almost no AC signal at the port.
The LTC4259A monitors Pin 36 for the presence of an
oscillating signal. If no signal is present and the Osc Fail
Mask bit is set, then Osc Fail (bit 1 of the Supply Event
register) is set, triggering an interrupt. As the LTC4259A’s
AC disconnect circuitry self-checks the OSCIN signal, the
Osc Fail bit is intended as a fault indicator to alert the PSE
host controller. The Osc Fail bit has no effect beyond
triggering the interrupt. A clear Osc Fail bit indicates that
the OSCIN signal goes below 0.6V and above 1.8V at least
once every 250ms. It does not necessarily guarantee that
AC disconnect will function properly. However, AC discon-
nect itself is a more thorough test of the OSCIN signal.
When the OSCIN signal is either absent or corrupted,
powered ports with AC disconnect enabled (and DC dis-
connect not enabled) will automatically disconnect. After
the LTC4259A is reset (by power on, Reset All bit or the
RESET pin) the Osc Fail bit is set. Once the Osc Fail bit is
cleared, it will only be set by an invalid signal on the OSCIN
pin or another reset.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com