Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4259A Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4259A
Description  Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4259A Datasheet(HTML) 4 Page - Linear Technology

  LTC4259A Datasheet HTML 1Page - Linear Technology LTC4259A Datasheet HTML 2Page - Linear Technology LTC4259A Datasheet HTML 3Page - Linear Technology LTC4259A Datasheet HTML 4Page - Linear Technology LTC4259A Datasheet HTML 5Page - Linear Technology LTC4259A Datasheet HTML 6Page - Linear Technology LTC4259A Datasheet HTML 7Page - Linear Technology LTC4259A Datasheet HTML 8Page - Linear Technology LTC4259A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC4259A
4
4259Af
Note 7: The LTC4259A is designed to maintain a port voltage of –46.6V to
–57V and the VEE supply voltage range accounts for the drop across the
diode, MOSFET and sense resistor.
Note 8: VEE supply current, while classifying a short, is measured
indirectly by measuring the DETECT
n pin current while classifying a short.
Note 9: The LTC4259A implements overload current detection per IEEE
802.3af. The minimum overload current (ICUT) is dependent on port
voltage; ICUT_MIN = 15.4W/VPORT_MIN. An IEEE compliant system using the
LTC4259A should maintain port voltage above –46.6V.
Note 10: Unless otherwise specified, AC disconnect specifications require
the following conditions: the DETECT pin is connected to the port as
shown in Figure 1, a valid sine wave is applied to OSCIN, the OSCFAIL bit
is cleared and the AC Disconnect Enable bits are set.
Note 11: Guaranteed by design, not subject to test.
Note 12: Values measured at VILD and VIHD.
Note 13: If fault occurs during an I2C transaction, the INT pin will not be
pulled down until a stop condition is present on the I2C bus.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: DGND and AGND should be tied together in normal operation.
Note 3: An internal clamp limits the GATE pins to a minimum of 12V above
VEE. Driving this pin beyond the clamp may damage the part.
Note 4: When a port powers on or off, the transient voltage on the port
couples through CDET (Figure 16). The LTC4259A contains internal
protection circuitry to withstand transient currents of up to 80mA for 5ms.
As long as the absolute value of the current remains below 80mA, the
LTC4259A will keep the voltage at the DETECT
n pin within the absolute
maximum voltage range. A properly sized RDET should limit the current to
less than 60mA.
Note 5: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 6: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground (AGND and DGND)
unless otherwise specified.
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGND = DGND = 0V, VDD = 3.3V, VEE = –48V unless otherwise noted
(Note 6).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tICUT
Maximum Current Limit Duration After
tICUT1 = 0, tICUT0 = 0 (Figure 3)
q
50
60
70
ms
Port Start-Up
tICUT1 = 0, tICUT0 = 1
q
25
30
35
ms
tICUT1 = 1, tICUT0 = 0
q
100
120
140
ms
tICUT1 = 1, tICUT0 = 1
q
200
240
280
ms
DCCLMAX
Maximum Current Limit Duty Cycle
Reg16h = 00h
q
5.8
6.3
6.7
%
tDIS
Disconnect Delay
tDIS1 = 0, tDIS0 = 0 (Figures 4, 5)
q
300
360
400
ms
tDIS1 = 0, tDIS0 = 1
q
75
90
100
ms
tDIS1 = 1, tDIS0 = 0
q
150
180
200
ms
tDIS1 = 1, tDIS0 = 1
q
600
720
800
ms
tVMIN
DC Disconnect Minimum Pulse
VSENSEn – VEE > 5mV, VOUTn = –48V (Figure 4)
q
0.02
1
ms
Width Sensitivity
(Note 11)
I2C Timing
fSCLK
Clock Frequency
(Note 11)
q
400
kHz
t1
Bus Free Time
Figure 6 (Notes 11, 12)
q
1.3
µs
t2
Start Hold Time
Figure 6 (Notes 11, 12)
q
600
ns
t3
SCL Low Time
Figure 6 (Notes 11, 12)
q
1.3
µs
t4
SCL High Time
Figure 6 (Notes 11, 12)
q
600
ns
t5
Data Hold Time
Figure 6 (Notes 11, 12)
q
150
ns
t6
Data Set-Up Time
Figure 6 (Notes 11, 12)
q
200
ns
t7
Start Set-Up Time
Figure 6 (Notes 11, 12)
q
600
ns
t8
Stop Set-Up Time
Figure 6 (Notes 11, 12)
q
600
ns
tr
SCL, SDAIN Rise Time
Figure 6 (Notes 11, 12)
q
20
300
ns
tf
SCL, SDAIN Fall Time
Figure 6 (Notes 11, 12)
q
20
150
ns
tFLTINT
Fault Present to INT Pin Low
(Notes 11, 12, 13)
q
20
150
ns
tSTOPINT
Stop Condition to INT Pin Low
(Notes 11, 12, 13)
q
60
200
ns
tARAINT
ARA to INT Pin High Time
(Notes 11, 12)
q
20
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com