Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2005P Datasheet(PDF) 1 Page - Sames

Part # SA2005P
Description  Evaluation Board for the SA2005M and SA2005P
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005P Datasheet(HTML) 1 Page - Sames

  SA2005P Datasheet HTML 1Page - Sames SA2005P Datasheet HTML 2Page - Sames SA2005P Datasheet HTML 3Page - Sames SA2005P Datasheet HTML 4Page - Sames SA2005P Datasheet HTML 5Page - Sames SA2005P Datasheet HTML 6Page - Sames SA2005P Datasheet HTML 7Page - Sames SA2005P Datasheet HTML 8Page - Sames SA2005P Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
+
+
+
+
+
+
+
+
Designed to be used as fully functional Watt-Hour meter.
Better than Class 1 operation
On-board power supply
3 Phase 4 Wire configuration
On-board current transformers
Measured energy pulse output LED
Individual phase direction indication
Individual phase fail and error condition indication
sames
Evaluation Board for the SA2005M and SA2005P
Energy Metering IC’s
PM2005M/P
1/12
SA2005M specific:
SA2005P specific:
+
+
+
+
Selectable dividing ratios for different rated conditions
Selectable calibration LED resolution and assuming
mode
Calibration and setup data stored on an external
EEPROM
Flexible programmable features
DESCRIPTION
The SA2005M IC is a single-chip solution with pin
programmable features. The SA2005P IC is also a single-chip
solution and retrieves its configuration and calibration
information from an external EEPROM. More detailed
information specific to the SA2005M or SA2005P can be found
in the applicable Datasheets.
The PM2005M/P evaluation board has been designed to be a
fully functional watt-hour meter for three-phase four-wire
applications using either the SA2005M or SA2005P. The mains
voltages easily connect to the module by way of a Molex
connector (SK1). The 3 on-board current transformers
measure the current in each phase. A simple capacitive power
supply supplies the energy metering IC with power. The LM431
regulators are used to generate 5V supply voltage for the IC on
the board.
Figure 1: Block diagram
SPEC-0506 (REV.3)
03-10-02
SK1
Power
Supply
SA2005M
SA2005P
Resistor
Network
VDD
GND
VSS
CT1
CT2
CT3
GND
Resistor
Network
Resistor
Network
VDD
LED
Stepper motor
0 0 0 0 0 0
MOP
MON
7
8
9
Module Setup
Jumpers / EEPROM
VDD
VSS
LED
PH/DIR
PH1
PH2
PH3
DIR1
VFAIL1
DIR2
VFAIL2
DIR3
VFAIL3


Similar Part No. - SA2005P

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005P SAMES-SA2005P Datasheet
195Kb / 16P
Programmable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications
SA2005PPA SAMES-SA2005PPA Datasheet
195Kb / 16P
Programmable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications
SA2005PSA SAMES-SA2005PSA Datasheet
195Kb / 16P
Programmable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications
More results

Similar Description - SA2005P

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
Evaluation Board for the CS44L11
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
Evaluation Board for the CS4354
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
Evaluation Board for the AD623
REV. 0
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
Evaluation Board for the ADP1720
REV. 0
logo
STMicroelectronics
UM0842 STMICROELECTRONICS-UM0842 Datasheet
810Kb / 50P
EVALSPEAr320PLC evaluation board for the SPEAr320
02-Dec-2010
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
EVALSPEAr310 - evaluation board for the SPEAr310
25-Feb-2010
logo
Silicon Laboratories
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
STMicroelectronics
STM32429I-EVAL STMICROELECTRONICS-STM32429I-EVAL Datasheet
204Kb / 3P
Evaluation board for the STM32F429 line
September 2013 Rev 1
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
Evaluation Board for the SA9903B Energy
logo
Cirrus Logic
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
Evaluation Board for the CS53L30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com