Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2005P Datasheet(PDF) 4 Page - Sames

Part # SA2005P
Description  Evaluation Board for the SA2005M and SA2005P
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005P Datasheet(HTML) 4 Page - Sames

  SA2005P Datasheet HTML 1Page - Sames SA2005P Datasheet HTML 2Page - Sames SA2005P Datasheet HTML 3Page - Sames SA2005P Datasheet HTML 4Page - Sames SA2005P Datasheet HTML 5Page - Sames SA2005P Datasheet HTML 6Page - Sames SA2005P Datasheet HTML 7Page - Sames SA2005P Datasheet HTML 8Page - Sames SA2005P Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
sames
PM2005M/P
4/12
http://www.sames.co.za
http://www.sames.co.za
SETTING UP THE MODULE FOR ENERGY
MEASUREMENT
Figure 3 below shows a typical setup for the PM2005M/P
evaluation module. The three phase voltages are connected
directly to SK1 and each corresponding phase current is wired
through the on-board CT’s.
Figure 3 also shows the default jumper settings. The
PM2005M/P evaluation module is setup by default for
Figure 3: PM2005M/P setup and connection
3x230V/60A operation. For 3x 115V operation jumpers J1, J2
and J3 need to be closed and capacitors C12, C13 and C14
values must be changed to 1µF / 150VAC.
As soon as a load is applied, the pulse LED L7 will start flashing
and the energy counter will increment proportional to the
energy measured.
Load
SK1
N
PH1
PH2
PH3
J1
J2
J3
J7
J6
GND
J5
VSS
J4
VDD
S1
S2
S3
S4
S6
S7
S8
S9
S10
S5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com