Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2005P Datasheet(PDF) 2 Page - Sames

Part # SA2005P
Description  Evaluation Board for the SA2005M and SA2005P
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005P Datasheet(HTML) 2 Page - Sames

  SA2005P Datasheet HTML 1Page - Sames SA2005P Datasheet HTML 2Page - Sames SA2005P Datasheet HTML 3Page - Sames SA2005P Datasheet HTML 4Page - Sames SA2005P Datasheet HTML 5Page - Sames SA2005P Datasheet HTML 6Page - Sames SA2005P Datasheet HTML 7Page - Sames SA2005P Datasheet HTML 8Page - Sames SA2005P Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
sames
PM2005M/P
2/12
http://www.sames.co.za
SETTING UP THE PM2005M/P MODULE
JUMPER DESCRIPTION
Power Supply Jumpers
The power supply jumpers are used to disconnect the on-
board power supply, allowing the metering section of the circuit
to be powered from an external power supply if required.
Jumper
J4
J5
J6
J7
Description
http://www.sames.co.za
Voltage Selection Jumpers
These jumpers are used to select between 115V and 230V
operation. When closed the jumpers will half the series
resistance in the voltage divider to the voltage sense inputs.
Connects VDD to the metering circuitry.
Connects VSS to the metering circuitry.
GND connection point.
Connection point between the power supply
GND (N) and the SA2005 GND
Module Setup Jumpers
Setup for use with the SA2005M
Please note that only one jumper
should be closed at any one time. Closing more than one
jumper may short circuit the power supply.
The following jumpers (S1 and S9) are used to set the various
dividing ratios, resolution and summing modes.
Jumpers S1 to S3 set the rated conditions dividing ratio (pin
RA of the SA2005M).
Jumper
J1
J2
J3
230V
Open
Open
Open
115V
Closed
Closed
Closed
State
Only S1 closed
Only S2 closed
Only S3 closed
Description
Select a multiplying ratio
of 3/3
Select a
ratio
of 1/3
Select a
ratio
of 2/3
multiplying
multiplying
VDD
VSS
PH/DIR=100Hz
Floating
Voltage Level
on Pin 7 of the
SA2005
Select a 1252Hz pulse
rate at rated input
conditions
S1, S2 and
S3 open
Jumpers S4 to S6 set the calibration LED resolution (dividing
ratio) as well as the summing mode (pin RE of the SA2005M).
Please note that only one jumper should be closed at any
one time. Closing more than one jumper may short circuit
the power supply.
Jumpers S7 to S9 sets the dividing ratio (counter resolution,
pin IM of the SA2005M) for the SA2005M’s motor drive output.
Please note that only one jumper should be closed at any
one time. Closing more than one jumper may short circuit
the power supply.
Set-up for use with the SA2005P
Jumpers S1 to S9 must be removed (open), so as not to
influence the functionality of the IIC bus operation. Jumper S10
may be used on certain IIC EEPROMS to protect the data
written to the EEPROM. This jumper must be opened when
programming the EEPROM.
State
Only S7 closed
Only S8 closed
Only S9 closed
1 (100 pulse/kWh)
100
10
Test Mode
(1 pulse/kWh)
(10 pulse/kWh)
VDD
VSS
PH/DIR=100Hz
Floating
Voltage Level
on Pin 9 of the
SA2005
S7, S8 and
S9 open
Dividing ratio
(counter resolution)
State
Only S4 closed
Only S5 closed
Only S6 closed
Absolute sum
Total sum
Total sum
Absolute sum
VDD
VSS
PH/DIR=100Hz
Floating
Summing
Mode
S4, S5 and
S6 open
4
1
4
1
LED
dividing
ratio
Voltage Level
on pin 8 of
the SA2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com