Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWDPLS31.MB Datasheet(PDF) 4 Page - OSRAM GmbH

Part # KWDPLS31.MB
Description  LCD Backlighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDPLS31.MB Datasheet(HTML) 4 Page - OSRAM GmbH

  KWDPLS31.MB Datasheet HTML 1Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 2Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 3Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 4Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 5Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 6Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 7Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 8Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
2016-01-19
4
Version 1.2
KW DPLS31.MB
Characteristics (TS = 25 °C; IF = 120 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 24
Farbkoordinaten nach CIE 1931 2) Seite 24
(typ.)
(typ.)
Cx
Cy
0.26
0.22
-
-
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(min.)
(max.)
λpeak
λpeak
436
461
nm
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
120
°
Forward voltage 3) page 24
Durchlassspannung 3) Seite 24
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.80
3.15
3.40
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 24
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 24
(typ.)
(max.)
Rth JS real
Rth JS real
36
50
K/W
K/W
"Electrical" thermal resistance junction / solder point
4) page 24
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 4) Seite 24
(with efficiency ηe = 42 %)
(typ.)
(max.)
R
th JS el
Rth JS el
21
29
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com