Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWDPLS31.MB Datasheet(PDF) 5 Page - OSRAM GmbH

Part # KWDPLS31.MB
Description  LCD Backlighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDPLS31.MB Datasheet(HTML) 5 Page - OSRAM GmbH

  KWDPLS31.MB Datasheet HTML 1Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 2Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 3Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 4Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 5Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 6Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 7Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 8Page - OSRAM GmbH KWDPLS31.MB Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Version 1.2
KW DPLS31.MB
2016-01-19
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 24
Durchlassspannungsgruppen 3) Seite 24
Wavelength Groups (Peak)
Wellenlängengruppen (Peak)
Group
Luminous Flux 1) page 24
Luminous Flux 1) page 24
Luminous Intensity
5) page 24
Gruppe
Lichtstrom 1) Seite 24
Lichtstrom 1) Seite 24
Lichtstärke 5) Seite 24
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
7G
22.4
25
7.8
8G
25
28
8.7
5H
28
31.5
9.8
6H
31.5
35.5
11.1
7H
35.5
40
12.5
8H
40
45
14
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
24
2.80
3.00
64
3.00
3.20
A4
3.20
3.40
Group
multiphosphor white
Gruppe
(min.) λpeak
[nm]
(max.) λpeak
[nm]
E
436
447
F
442
453
G
449
461
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com