Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4605 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MIC4605 Datasheet

  • # Example questions: ➢ Describe the purpose of the bootstrap capacitor and diode connected to the hb and hs pins. what would happen if these components were missing?
    ➢ What is the recommended decoupling capacitance value for the vdd pin, and what does it decouple to?
    ➢ What is the primary function of the en pin, and what happens when a logic low is applied to it?

  • Part No.MIC4605
    ManufacturerMICROCHIP
    Size1Mb
    Pages34 pages
    Description85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
    Datasheet Summary with AI

    1. Product Overview:

    ️· The MIC4605 is a dual, high-speed, gate driver IC designed for MOSFET gate driving in applications like synchronous rectification, DC-DC conversion, and motor drives.
    ️· It comes in two versions:
    - MIC4605-1: Designed for single PWM control. Has HI and LI inputs.
    - MIC4605-2: Designed for single PWM control. Has a PWM input.
    ️· Available in two package options:
    - 10-Lead TDFN (Thin Dual Flat No-Lead)
    - 8-Lead SOIC (Small Outline Integrated Circuit)

    2. Key Features:

    ️· High-Speed Gate Driving: Designed for fast switching of MOSFETs.
    ️· Bootstrap Capability: Includes an on-board bootstrap diode for high-side gate drive, but requires an external bootstrap capacitor.
    ️· UVLO (Under Voltage Lockout): Protects the MOSFETs by preventing gate drive when the supply voltage is too low.
    ️· Enable Function: Allows the driver to be shut down to reduce quiescent current.
    ️· High-Side/Low-Side Drive: Provides independent control of high-side and low-side MOSFETs.
    ️· Versatile Input Options: Single PWM control for both versions.
    ️· Robust Design: Includes features for protection and reliable operation.

    3. Electrical Specifications (Highlights):

    ️· Supply Voltage (VDD): Not specified, but requires decoupling to VSS.
    ️· Bootstrap Supply (HB): Requires an external capacitor.
    ️· UVLO Thresholds: (Specific values not listed in this extract, refer to full datasheet).
    ️· Propagation Delay: (Refer to graphs in the datasheet extract - values vary with input voltage and temperature).
    ️· Quiescent Current: (Refer to graphs - varies with input voltage and temperature).
    ️· Operating Junction Temperature: -40°C to +125°C
    ️· Storage Temperature: -60°C to +150°C

    4. Pin Descriptions (Key Points):

    ️· EN: Enable pin - controls shutdown.
    ️· VDD: Positive supply voltage.
    ️· HB: Bootstrap supply – external capacitor required.
    ️· HO: High-side output.
    ️· HS: High-side reference connection.
    ️· HI/LI/PWM: Input pins for gate drive control (different configurations for -1 and -2 versions).
    ️· VSS: Driver reference supply.
    ️· LO: Low-side output.
    ️· ePAD: Exposed pad - connect to VSS.

    5. Important Notes & Considerations:

    ️· Bootstrap Capacitor: Absolutely required for high-side gate driving.
    ️· VDD Decoupling: Critical for stable operation.
    ️· Thermal Management: Be aware of power dissipation and junction temperature limits. Use appropriate heat sinking or PCB layout to maintain a safe operating temperature.
    ️· Input Voltage Sensitivity: The graphs in the datasheet show that performance is sensitive to input voltage and temperature.
    ️· UVLO: Ensure the supply voltage remains within the specified range to avoid unexpected behavior.
    ️· Refer to full datasheet This is only an excerpt; for complete specifications, application notes, and layout recommendations, refer to the full MIC4605 datasheet.

    1. Product Overview:

    ️· The MIC4605 is a dual, high-speed, gate driver IC designed for MOSFET gate driving in applications like synchronous rectification, DC-DC conversion, and motor drives.
    ️· It comes in two versions:
    - MIC4605-1: Designed for single PWM control. Has HI and LI inputs.
    - MIC4605-2: Designed for single PWM control. Has a PWM input.
    ️· Available in two package options:
    - 10-Lead TDFN (Thin Dual Flat No-Lead)
    - 8-Lead SOIC (Small Outline Integrated Circuit)

    2. Key Features:

    ️· High-Speed Gate Driving: Designed for fast switching of MOSFETs.
    ️· Bootstrap Capability: Includes an on-board bootstrap diode for high-side gate drive, but requires an external bootstrap capacitor.
    ️· UVLO (Under Voltage Lockout): Protects the MOSFETs by preventing gate drive when the supply voltage is too low.
    ️· Enable Function: Allows the driver to be shut down to reduce quiescent current.
    ️· High-Side/Low-Side Drive: Provides independent control of high-side and low-side MOSFETs.
    ️· Versatile Input Options: Single PWM control for both versions.
    ️· Robust Design: Includes features for protection and reliable operation.

    3. Electrical Specifications (Highlights):

    ️· Supply Voltage (VDD): Not specified, but requires decoupling to VSS.
    ️· Bootstrap Supply (HB): Requires an external capacitor.
    ️· UVLO Thresholds: (Specific values not listed in this extract, refer to full datasheet).
    ️· Propagation Delay: (Refer to graphs in the datasheet extract - values vary with input voltage and temperature).
    ️· Quiescent Current: (Refer to graphs - varies with input voltage and temperature).
    ️· Operating Junction Temperature: -40°C to +125°C
    ️· Storage Temperature: -60°C to +150°C

    4. Pin Descriptions (Key Points):

    ️· EN: Enable pin - controls shutdown.
    ️· VDD: Positive supply voltage.
    ️· HB: Bootstrap supply – external capacitor required.
    ️· HO: High-side output.
    ️· HS: High-side reference connection.
    ️· HI/LI/PWM: Input pins for gate drive control (different configurations for -1 and -2 versions).
    ️· VSS: Driver reference supply.
    ️· LO: Low-side output.
    ️· ePAD: Exposed pad - connect to VSS.

    5. Important Notes & Considerations:

    ️· Bootstrap Capacitor: Absolutely required for high-side gate driving.
    ️· VDD Decoupling: Critical for stable operation.
    ️· Thermal Management: Be aware of power dissipation and junction temperature limits. Use appropriate heat sinking or PCB layout to maintain a safe operating temperature.
    ️· Input Voltage Sensitivity: The graphs in the datasheet show that performance is sensitive to input voltage and temperature.
    ️· UVLO: Ensure the supply voltage remains within the specified range to avoid unexpected behavior.
    ️· Refer to full datasheet This is only an excerpt; for complete specifications, application notes, and layout recommendations, refer to the full MIC4605 datasheet.

    Part No.MIC4605
    ManufacturerMICROCHIP
    Size1Mb
    Pages34 pages
    Description85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection