Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4605 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC4605
Description  85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4605 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC4605 Datasheet HTML 5Page - Microchip Technology MIC4605 Datasheet HTML 6Page - Microchip Technology MIC4605 Datasheet HTML 7Page - Microchip Technology MIC4605 Datasheet HTML 8Page - Microchip Technology MIC4605 Datasheet HTML 9Page - Microchip Technology MIC4605 Datasheet HTML 10Page - Microchip Technology MIC4605 Datasheet HTML 11Page - Microchip Technology MIC4605 Datasheet HTML 12Page - Microchip Technology MIC4605 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
 2018-2019 Microchip Technology Inc.
DS20005853E-page 9
MIC4605
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
MIC4605-1
TDFN
Pin Number
MIC4605-2
TDFN
Pin Number
MIC4605-1
SOIC
Pin Number
MIC4605-2
SOIC
Pin
Name
Description
1
1
EN
Enable Input. Logic high on the enable pin results
in normal operation; conversely, the device enters
Shutdown mode with a logic low applied to
enable.
22
1
1
VDD Input Supply for Gate Drivers. Decouple this pin
to VSS with a > 0.1 µF capacitor.
3
3
2
2
HB
High-Side Bootstrap Supply. An external bootstrap
capacitor is required. Connect the bootstrap
capacitor across this pin and HS. An on-board
bootstrap diode is connected from VDD to HB.
4
4
3
3
HO
High-Side Drive Output. Connect to the gate of
the external high-side power MOSFET.
5
5
4
4
HS
High-Side Drive Reference Connection. Connect
to source of the external high-side power
MOSFET. Connect the bottom of bootstrap
capacitor to this pin.
6
5
HI
High-Side Drive Input.
6
5
PWM Single PWM Input. Drives both the high-side and
low-side outputs out of phase.
7
6
LI
Low-Side Drive Input.
7
6
NC
No Connect. This pin is not connected internally.
88
7
7
VSS
Driver Reference Supply Input. Generally
connected to the power ground of external circuitry.
9
9
8
8
LO
Low-Side Drive Output. Connect to the gate of the
external low-side power MOSFET.
10
10
NC
No Connect. This pin is not connected internally.
EP
EP
ePAD Exposed Pad. Connect to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com